Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3042 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SK3042
Description  Silicon N-Channel Power F-MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK3042 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SK3042 Datasheet HTML 1Page - Panasonic Semiconductor 2SK3042 Datasheet HTML 2Page - Panasonic Semiconductor 2SK3042 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power F-MOS FETs
Area of safe operation (ASO)
PD  Ta
ID  VDS
ID  VGS
VGS  TC
Vth  TC
RDS(on)  ID
| Yfs |  ID
Ciss, Coss, Crss  VDS
2SK3042
1
10
100
1000
3
30
300
0.01
0.03
0.1
0.3
1
3
10
30
100
Non repetitive pulse
T
C=25˚C
t =10
µs
100
µs
DC
1ms
10ms
100ms
Drain to source voltage V
DS
(V)
0
160
40
120
80
140
20
100
60
0
60
50
40
30
20
10
(1) T
C=Ta
(2) Without heat sink
(1)
(2)
Ambient temperature Ta (˚C)
012
10
8
26
4
0
2
4
6
8
10
V
DS=10V
T
C=0˚C
125˚C
150˚C
25˚C
75˚C
Gate to source voltage V
GS
(V)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
V
DS=25V
I
D=1mA
Case temperature T
C
(˚C)
010
8
26
4
0
0.1
0.2
0.3
0.4
0.5
0.6
T
C=25˚C
V
GS=10V
15V
Drain current I
D
(A)
02
4
6
8
101214
16
0
8
6
2
5
7
4
1
3
V
DS=10V
T
C=25˚C
Drain current I
D
(A)
0
40
80
120
160
200
1
3
10
30
100
300
1000
3000
10000
f=1MHz
T
C=25˚C
C
iss
C
oss
C
rss
Drain to source voltage V
DS
(V)
0
25
50
75
100
125
150
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
V
DS=10V
I
D=3A
Case temperature T
C
(˚C)
0
510
15
20
2
4
6
8
10
12
14
16
0
6.5V
7.5V
10V
5.5V
6V
7V
5V
40W
V
GS=15V
T
C=25˚C
Drain to source voltage V
DS
(V)


Similar Part No. - 2SK3042

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3042 ISC-2SK3042 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3042

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK867 PANASONIC-2SK867 Datasheet
41Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK996 PANASONIC-2SK996 Datasheet
64Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK1266 PANASONIC-2SK1266 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK2125 PANASONIC-2SK2125 Datasheet
46Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK2128 PANASONIC-2SK2128 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3031 PANASONIC-2SK3031 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3033 PANASONIC-2SK3033 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3036 PANASONIC-2SK3036 Datasheet
23Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3043 PANASONIC-2SK3043 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
PUB4702 PANASONIC-PUB4702 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com