Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE3025 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VRE3025
Description  Low Cost Precision Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRE3025 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VRE3025 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE3025 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE3025 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE3025 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE3025 Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE3025 Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE3025 Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE3025 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ppm/
1khrs
6
∆V
OUT/t
Long Term Stability
µVp-p
1.5
0.1Hz<f<10Hz
e
n
Output Noise Voltage
µs
2
To 0.01% of final value
T
on
Turn-On Settling Time
mV
±2.5
Figure 3
∆V
OUT
Trim Adjustment Range
1.0
2.0
VRE3025C/L
0.5
1.0
VRE3025B/K
2.4995
2.5000
2.5005
VRE3025C/L
2.4996
2.5000
2.5004
VRE3025B/K
V
2.4998
2.5000
2.5003
VRE3025A/J
V
OUT
Output Voltage
(Note 1)
5
10
10V
≤ V
IN ≤18V
ppm/V
25
35
8V
≤ V
IN ≤ 10V
∆V
OUT/
∆V
IN
Line Regulation
ppm/
mA
8
12
8
12
Sourcing:
0mA
≤ I
OUT ≤ 15mA
Sinking:
-15mA
≤ I
OUT ≤0mA
∆V
OUT/
∆I
OUT
Load Regulation
mA
3.5
4.0
I
IN
Supply Current
µV
RMS
1.5
3.0
10Hz<f<1kHz
ppm
1
Note 4
Temperature Hysterisis
ppm/°C
0.3
0.6
VRE3025A/J
TCV
OUT
Output Voltage
Temperature Coefficient
(Note 2)
V
8
36
V
IN
UNITS
MIN
TYP
MAX
SYMBOL
CONDITIONS
Input Voltage
PARAMETER
ELECTRICAL SPECIFICATIONS
Vps =+10V, T = 25°C, Iout=0mA unless otherwise noted.
VRE3025DS REV.D JULY 2000
ABSOLUTE MAXIMUM RATINGS
Power Supply ………………………-0.3V to +40V
Out Short Circuit to GND Duration (V
IN< 12V)…...Continuous
OUT, TRIM …………………………-0.3V to +12V
Out Short Circuit to GND Duration (V
IN< 40V)…….……5 sec
NR……………………………………-0.3V to +6V
Out Short Circuit to IN Duration (V
IN< 12V)………Continuous
Operating Temp. (A,B,C)……………0 °C to 70°C
Continuous Power Dissipation (T
A = +70°C)…….…...300mW
Operating Temp. (J,K,L)……………-40 °C to 85°C
Storage Temperature……………………..……-65°C to 150°C
Lead Temperature (soldering,10 sec) ………………….250°C
Notes:
1) The specified values are without external trim.
2) The temperature coefficient is determined by the
box method. See discussion on temperature
performance.
3) Line and load regulation are measured with pulses and
do not include voltage changes due to temperature.
4) Hysterisis over the operating temperature range.


Similar Part No. - VRE3025

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
VRE3025 CIRRUS-VRE3025 Datasheet
232Kb / 7P
   Precision Voltage Reference
VRE3025AD CIRRUS-VRE3025AD Datasheet
232Kb / 7P
   Precision Voltage Reference
VRE3025AS CIRRUS-VRE3025AS Datasheet
232Kb / 7P
   Precision Voltage Reference
VRE3025BD CIRRUS-VRE3025BD Datasheet
232Kb / 7P
   Precision Voltage Reference
VRE3025BS CIRRUS-VRE3025BS Datasheet
232Kb / 7P
   Precision Voltage Reference
More results

Similar Description - VRE3025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
   Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
VRE310 ETC-VRE310 Datasheet
420Kb / 5P
   Low Cost Precision Reference
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
   Low Cost Precision Reference
VRE3050 ETC-VRE3050 Datasheet
188Kb / 8P
   VRE3050 Low Cost Precision Reference
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
   Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Analog Devices
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com