Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4255BM-MFNG3 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # U4255BM-MFNG3
Description  AM / FM RECEIVER IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4255BM-MFNG3 Datasheet(HTML) 4 Page - ATMEL Corporation

  U4255BM-MFNG3 Datasheet HTML 1Page - ATMEL Corporation U4255BM-MFNG3 Datasheet HTML 2Page - ATMEL Corporation U4255BM-MFNG3 Datasheet HTML 3Page - ATMEL Corporation U4255BM-MFNG3 Datasheet HTML 4Page - ATMEL Corporation U4255BM-MFNG3 Datasheet HTML 5Page - ATMEL Corporation U4255BM-MFNG3 Datasheet HTML 6Page - ATMEL Corporation U4255BM-MFNG3 Datasheet HTML 7Page - ATMEL Corporation U4255BM-MFNG3 Datasheet HTML 8Page - ATMEL Corporation U4255BM-MFNG3 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
4
U4255BM-M
4519C–AUDR–07/02
In FM mode the FM mixer, the FM RF-AGC and the 1st IF FM amplifier at Pin 38 are
activated. The bandwidth of the output tank at Pin 23, Pin 24 is increased and the input
of the 2nd IF amplifier can be switched between Pin 23, Pin 24 and Pin 28. The output of
the 2nd IF amplifier is fed to the integrated bandfilter and FM demodulator. The output of
the FM demodulator is available at MPX output Pin 11.
WB mode is similar to FM mode but the input of the 2nd IF amplifier is fixed to Pin 28, the
range of the bandwidth control of the integrated band filter is shifted to lower bandwidth
and the gain of the FM demodulator is increased.
In standby mode the mixers, IF amplifiers and AGC circuits are deactivated to reduce
current consumption.
Table 1. Operating Mode
Test Mode
A special test mode is implemented for final production test only. This mode is activated
by setting Bit 9 = 1. This mode is not intended to be used in customer application.
For normal operation, Bit 9 has to be set to 0. Bit 18 to Bit 30 are deactivated in normal
operation mode.
Table 2. Test Mode
VCO
An oscillator circuit is implemented to build a VCO as proposed in the application sche-
matic. The VCO frequency is used to generate the LO frequency of the 1
st mixer stages.
The control voltage of the VCO is usually generated by the PLL circuit U4256BM. The
VCO signal is provided at the buffered output Pin 16 to be fed to the PLL circuit.
FM RF-AGC
The FM RF-AGC circuit includes a wideband level detector at the input Pin 1 of the FM
mixer and an in-band level detector at the output of the FM IF amplifier (Pin 30). The
outputs of these level detectors are used to control the current into the pin diode (see
Figure 3) in order to limit the signal level at the FM mixer input and the following stages.
The maximum pin diode current is determined by R115 and the time constant of the
AGC control loop can be adjusted by changing the value of C111.
The AGC threshold level at the input of the FM mixer can be adjusted by Bit 64 and
Bit 65 according to Table 3. The in-band AGC threshold referred to the FM mixer input
(Pin 1, Pin 2) depends on the gain of the FM IF amplifier and can be adjusted by Bit 89
to Bit 91.
AM/FM/Weather Channel
Bit 93
Bit 92
Standby
0
0
FM
0
1
AM
1
0
Weather band
1
1
Mode
Bit 9
Normal operation
0
Testmode
1


Similar Part No. - U4255BM-MFNG3

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U425 CALOGIC-U425 Datasheet
28Kb / 2P
   N-Channel Dual JFET
logo
Micross Components
U425 MICROSS-U425 Datasheet
276Kb / 1P
   Linear Systems replaces discontinued Siliconix U425
logo
Linear Integrated Syste...
U425 LINEAR-U425 Datasheet
180Kb / 2P
   LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL
logo
TEMIC Semiconductors
U4254BM TEMIC-U4254BM Datasheet
167Kb / 12P
   Low-Noise AM/FM Antenna Impedance Matching IC
U4254BM-AFP TEMIC-U4254BM-AFP Datasheet
167Kb / 12P
   Low-Noise AM/FM Antenna Impedance Matching IC
More results

Similar Description - U4255BM-MFNG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4258 ATMEL-ATR4258_05 Datasheet
665Kb / 38P
   AM/FM Receiver IC
T4258 ATMEL-T4258 Datasheet
144Kb / 17P
   AM/FM Receiver IC
ATR4258 ATMEL-ATR4258 Datasheet
414Kb / 38P
   AM/FM RECEIVER IC
ATR4255 ATMEL-ATR4255 Datasheet
373Kb / 32P
   AM/FM RECEIVER IC
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
logo
Integral Corp.
ILA1238NS INTEGRAL-ILA1238NS Datasheet
234Kb / 8P
   AM/FM MONO RECEIVER
logo
Silan Microelectronics ...
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
   AM/FM RADIO RECEIVER
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com