Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLGSSTVF16859 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SLGSSTVF16859
Description  DDR 13 to 26 Bit Registered Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SLGSSTVF16859 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SLGSSTVF16859 Datasheet HTML 3Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 4Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 5Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 6Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 7Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 8Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 9Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 10Page - List of Unclassifed Manufacturers SLGSSTVF16859 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Silego Technology Inc.
(408) 327-8800
SLGSSTVF16859H/V
7
PRELIMINARY
Data is subject to change.
May 28, 2003
Timing Requirements1:
(over recommended operating free-air temperature range, unless otherwise noted)
Notes:
1 - Guaranteed by design, not 100% tested in production.
2 - For data signal input slew rate of > 1V/ns.
3 - For data signal input slew rate of > 0.5V/ns and < 1V/ns.
4 - CLK, CLK signals input slew rate of > 1V/ns.
5 - Data input must be held low for a minimum time (tACT max) after RESET driven high
6 - Data and CLK,CLK inputs must be held at valid logic (high or low) levels for a minimum time
(tINACT max) after RESET driven low
Switching Characteristics:( For PC1600/2100/2700)
(over recommended operating free-air temperature range, unless otherwise noted)
Switching Characteristics:( For PC3200)
(over recommended operating free-air temperature range, unless otherwise noted)
SYMBOL
PARAMETERS
VDD = 2.5V + 0.2V
UNITS
MIN
MAX
fclock
Clock frequency
210
MHz
tW
Pulse duration
CLK,CLK high or low
2.5
ns
tACT
Differential active time5
22
ns
tINACT Differential inactive time6
22
ns
tS
Setup time, fast slew rate2 & 4
Data before CLK
, CLK
0.65
ns
Setup time, slow slew rate3 & 4
0.75
ns
tH
Hold time, fast slew rate2 & 4
Data after CLK
, CLK
0.65
ns
Hold time, slow slew rate3 & 4
0.8
ns
SYMBOL
From
(Input)
To
(Output)
VDD = 2.5V + 0.2V
UNITS
MIN
TYP
MAX
fmax
210
MHz
tPD
CLK, CLK
Q
1.1
2.6
ns
tPDSS1 CLK, CLK
Q
1.1
2.9
ns
tPHL
RESET
Q
5
ns
SYMBOL
From
(Input)
To
(Output)
VDD = 2.6V + 0.1V
UNITS
MIN
TYP
MAX
fmax
210
MHz
tPD
CLK, CLK
Q
1.1
2.2
ns
tPDSS1 CLK, CLK
Q
1.1
2.48
ns
tPHL
RESET
Q
5
ns


Similar Part No. - SLGSSTVF16859

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLGSSTU32864 ETC-SLGSSTU32864 Datasheet
206Kb / 11P
   DDR2 Configurable Registered Buffer
SLGSSTU32864E ETC-SLGSSTU32864E Datasheet
206Kb / 11P
   DDR2 Configurable Registered Buffer
SLGSSTU32864EX ETC-SLGSSTU32864EX Datasheet
206Kb / 11P
   DDR2 Configurable Registered Buffer
SLGSSTU32864EX-TR ETC-SLGSSTU32864EX-TR Datasheet
206Kb / 11P
   DDR2 Configurable Registered Buffer
More results

Similar Description - SLGSSTVF16859

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVF16859 ICST-ICSSSTVF16859 Datasheet
187Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTV16859 ICST-ICSSSTV16859 Datasheet
233Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVF16859B RENESAS-ICSSSTVF16859B Datasheet
349Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
2019
logo
Integrated Circuit Syst...
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16859 ALSC-AS80SSTVF16859 Datasheet
122Kb / 13P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS16859 ICST-ICS16859 Datasheet
97Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com