Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX5001 Datasheet(PDF) 7 Page - RF Monolithics, Inc

Part # RX5001
Description  315.00 MHz Hybrid Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RX5001 Datasheet(HTML) 7 Page - RF Monolithics, Inc

Back Button RX5001 Datasheet HTML 2Page - RF Monolithics, Inc RX5001 Datasheet HTML 3Page - RF Monolithics, Inc RX5001 Datasheet HTML 4Page - RF Monolithics, Inc RX5001 Datasheet HTML 5Page - RF Monolithics, Inc RX5001 Datasheet HTML 6Page - RF Monolithics, Inc RX5001 Datasheet HTML 7Page - RF Monolithics, Inc RX5001 Datasheet HTML 8Page - RF Monolithics, Inc RX5001 Datasheet HTML 9Page - RF Monolithics, Inc RX5001 Datasheet HTML 10Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 7 of 10
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RX5001-062805
Peak Detector Timing
The Peak Detector attack time constant is set by the value of the capacitor
at the PKDET pin. The attack time tPKA = CPKD/4167, where
tPKA is in µs and CPKD is in pF. The Peak Detector decay time
constant tPKD = 1000*tPKA.
Pulse Generator Timing
In the low data rate mode, the interval tPRI between the falling edge of an
ON pulse to the first RF amplifier and the rising edge of the next ON pulse
to the first RF amplifier is set by a resistor RPR between the PRATE pin and
ground. The interval can be adjusted between 0.1 and 5 µs with a resistor
in the range of 51 K to 2000 K. The value of the RPR is given by:
RPR = 404* tPRI + 10.5, where tPRI is in µs, and RPR is in kilohms
In the high data rate mode (selected at the PWIDTH pin) the receiver RF
amplifiers operate at a nominal 50%-50% duty cycle. In this case, the peri-
od tPRC from the start of an ON pulse to the first RF amplifier to the start of
the next ON pulse to the first RF amplifier is controlled by the PRATE re-
sistor over a range of 0.1 to 1.1 µs using a resistor of 11 K to 220 K. In this
case RPR is given by:
RPR = 198* tPRC - 8.51, where tPRC is in µs and RPR is in kilohms
In the low data rate mode, the PWIDTH pin sets the width of the ON pulse
to the first RF amplifier tPW1 with a resistor RPW to ground (the ON pulse
width to the second RF amplifier tPW2 is set at 1.1 times the pulse width to
the first RF amplifier in the low data rate mode). The ON pulse width tPW1
can be adjusted between 0.55 and 1 µs with a resistor value in the range
of 200 K to 390 K. The value of RPW is given by:
RPW = 404* tPW1 - 18.6, where tPW1 is in µs and RPW is in kilohms
However, when the PWIDTH pin is connected to Vcc through a 1 M resis-
tor, the RF amplifiers operate at a nominal 50%-50% duty cycle, facilitating
high data rate operation. In this case, the RF amplifiers are controlled by
the PRATE resistor as described above.
LPF Group Delay
The low-pass filter group delay is a function of the filter 3 dB bandwidth,
which is set by a resistor RLPF to ground at the LPFADJ pin. The minimum
3 dB bandwidth fLPF = 1445/RLPF, where fLPF is in kHz, and RLPF is in kilo-
hms.
The maximum group delay tFGD = 1750/fLPF = 1.21*RLPF, where tFGD is in
µs, fLPF in kHz, and RLPF in kilohms.
Receiver Event Timing, 3.0 Vdc, -40 to +85 °C
Event
Symbol
Time
Min/Max
Test Conditions
Notes
Turn On to Receive
tPR
3*tBBC + 15 ms
max
10 ms supply voltage rise time
time until receiver operational
Sleep to RX
tSR
3*tBBC
max
1 µs CNTRL0/CNTROL 1 rise times
time until receiver operational
RX to Sleep
tRS
10 µs
max
1 µs CNTRL0/CNTROL 1 fall times
time until receiver is in power-down mode
AGC Engage
tAGC
5 µs
max
1 µs rise time, -30 dBm signal
RFA1 switches from 35 to 5 dB gain
AGE Hold-In
tAGH
CAGC/19.1
min
CAGC in pF, tAGH in µs
user selected; longer than tPKD
PKDET Attack Time Constant
tPKA
CPKD/4167
min
CPKD in pF, tPKA in µs
user selected
PKDET Decay Time Constant
tPKD
1000*tPKA
min
tPKD and tPKA in µs
slaved to attack time
PRATE Interval
tPRI
0.1 to 5 µs
range
low data rate mode
user selected mode
PWIDTH RFA1
tPW1
0.55 to 1 µs
range
low data rate mode
user selected mode
PWIDTH RFA2
tPW2
1.1*tPW1
range
low data rate mode
user selected mode
PRATE Cycle
tPRC
0.1 to 1.1 µs
range
high data rate mode
user selected mode
PWIDTH High (RFA1 & RFA2)
tPWH
0.05 to 0.55 µs
range
high data rate mode
user selected mode
LPF Group Delay
tFGD
1750/fLPF
max
tFGD in µs, fLPF in kHz
user selected
LPF 3 dB Bandwidth
fLPF
1445/RLPF
min
fLPF in kHz, RLPF in kilohms
user selected
BBOUT-CMPIN Time Constant
tBBC
0.064*CBBO
min
tBBC in µs, CBBO in pF
user selected
Table 1


Similar Part No. - RX5001

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
RX500 CAMDENBOSS-RX500 Datasheet
290Kb / 1P
   500 series small flanged ABS boxes
logo
NTE Electronics
RX500-12 NTE-RX500-12 Datasheet
47Kb / 8P
   ECG Cleaner/Lubricant
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
   ECG Cleaner/Lubricant
logo
RF Monolithics, Inc
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
logo
Murata Manufacturing Co...
RX5000 MURATA-RX5000 Datasheet
239Kb / 10P
   RFM products are now Murata products
More results

Similar Description - RX5001

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RX5501 RFM-RX5501 Datasheet
67Kb / 10P
   315.00 MHz Hybrid Receiver
TR3001 RFM-TR3001 Datasheet
111Kb / 12P
    315.00 MHz Hybrid Transceiver
TX5001 RFM-TX5001 Datasheet
73Kb / 6P
   315.00 MHz Hybrid Transmitter
logo
Murata Manufacturing Co...
DR5101 MURATA-DR5101 Datasheet
330Kb / 4P
   315.00 MHz Receiver Module
TR3001 MURATA-TR3001 Datasheet
415Kb / 12P
   315.00 MHz Hybrid Transceiver
TR7001 MURATA-TR7001 Datasheet
367Kb / 15P
   315.00 MHz Hybrid Transceiver
logo
RF Monolithics, Inc
DR5101 RFM-DR5101 Datasheet
146Kb / 4P
   315.00 MHz Receiver Module
RX5002 RFM-RX5002 Datasheet
77Kb / 10P
   418.00 MHz Hybrid Receiver
RX6001 RFM-RX6001 Datasheet
89Kb / 10P
   868.35 MHz Hybrid Receiver
RX5000 RFM-RX5000 Datasheet
103Kb / 11P
   433.92 MHz Hybrid Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com