Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG7805AL Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SG7805AL
Description  POSITIVE FIXED VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SG7805AL Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SG7805AL Datasheet HTML 1Page - List of Unclassifed Manufacturers SG7805AL Datasheet HTML 2Page - List of Unclassifed Manufacturers SG7805AL Datasheet HTML 3Page - List of Unclassifed Manufacturers SG7805AL Datasheet HTML 4Page - List of Unclassifed Manufacturers SG7805AL Datasheet HTML 5Page - List of Unclassifed Manufacturers SG7805AL Datasheet HTML 6Page - List of Unclassifed Manufacturers SG7805AL Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SG7800A/SG7800 SERIES
05/01 Rev 1.4
LINFINITY Microelectronics Inc.
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
7
(714) 898-8121
∞ FAX: (714) 893-2570
CONNECTION DIAGRAMS & ORDERING INFORMATION (See Notes Below)
POSITIVE REGULATOR
Part No.
Package
Connection Diagram
3-TERMINAL TO-3
METAL CAN
K-PACKAGE
SG78XXAK/883B
-55°C to 125°C
SG7805AK/DESC
-55°C to 125°C
SG7812AK/DESC
-55°C to 125°C
SG7815AK/DESC
-55°C to 125°C
SG78XXAK
-55°C to 125°C
SG78XXK/883B
-55°C to 125°C
JAN7805K
-55°C to 125°C
JAN7812K
-55°C to 125°C
JAN7815K
-55°C to 125°C
SG78XXK
-55°C to 125°C
SG78XXK
0°C to 125°C
Ambient
Temperature Range
Note 1. Contact factory for JAN and DESC product availability.
2. All parts are viewed from the top.
3. "XX" to be replaced by output voltage of specific fixed regulator.
4. Some products will be available in hermetic flat pack (F). Consult factory for price and availability.
5. Both inputs and outputs must be externally connected together at the device terminals.
6. For normal operation, the V
O SENSE pin must be externally connected to the load.
3-PIN TO-39 METAL CAN
T-PACKAGE
SG78XXAT/883B
-55°C to 125°C
SG7805AT/DESC
-55°C to 125°C
SG7812AT/DESC
-55°C to 125°C
SG7815AT/DESC
-55°C to 125°C
SG78XXAT
-55°C to 125°C
SG78XXT/883B
-55°C to 125°C
JAN7805T
-55°C to 125°C
JAN7812T
-55°C to 125°C
JAN7815T
-55°C to 125°C
SG78XXT
-55°C to 125°C
3-PIN HERMETIC TO-257
IG-PACKAGE (Isolated)
SG78XXAIG/883B
-55°C to 125°C
SG7805AIG/DESC
-55°C to 125°C
SG7812AIG/DESC
-55°C to 125°C
SG7815AIG/DESC
-55°C to 125°C
SG78XXAIG
-55°C to 125°C
SG78XXIG/883B
-55°C to 125°C
SG78XXIG
-55°C to 125°C
V
OUT
GROUND
V
IN
2
1
CASE IS GROUND
V
OUT
V
IN
V
OUT
V
IN
3
2
GROUND
1
CASE IS GROUND
20-PIN CERAMIC
LEADLESS CHIP CARRIER
L- PACKAGE
SG7805AL/DESC
-55
°C to 125°C
SG7812AL/DESC
-55
°C to 125°C
SG7815AL/DESC
-55
°C to 125°C
SG78XXL/883B
-55
°C to 125°C
4
5
6
7
8
321
14
15
16
17
18
20 19
11. N.C.
12. V
OUT
13. N.C.
14. N.C.
15. V
O SENSE
16. N.C.
17. V
IN
18. N.C.
19. N.C.
20. N.C.
1. N.C.
2. V
IN
3. N.C.
4. N.C.
5. N.C.
6. N.C.
7. GND
8. N.C.
9. N.C.
10. V
OUT
9
111213
10
(See Notes 5 & 6)


Similar Part No. - SG7805AL

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SG7805AL MICRO-ELECTRONICS-SG7805AL Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7805AL-DESC MICROSEMI-SG7805AL-DESC Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG7805AL/DESC MICROSEMI-SG7805AL/DESC Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG7805AL/DESC MICROSEMI-SG7805AL/DESC Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG7805AL/DESC MICROSEMI-SG7805AL/DESC Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
More results

Similar Description - SG7805AL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com