Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG78883B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SG78883B
Description  POSITIVE FIXED VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SG78883B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SG78883B Datasheet HTML 1Page - List of Unclassifed Manufacturers SG78883B Datasheet HTML 2Page - List of Unclassifed Manufacturers SG78883B Datasheet HTML 3Page - List of Unclassifed Manufacturers SG78883B Datasheet HTML 4Page - List of Unclassifed Manufacturers SG78883B Datasheet HTML 5Page - List of Unclassifed Manufacturers SG78883B Datasheet HTML 6Page - List of Unclassifed Manufacturers SG78883B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SG7800A/SG7800 SERIES
05/01 Rev 1.4
LINFINITY Microelectronics Inc.
Copyright
© 1997
11861 Western Avenue
∞ Garden Grove, CA 92841
1
(714) 898-8121
∞ FAX: (714) 893-2570
POSITIVE FIXED VOLTAGE REGULATOR
The SG7800A/SG7800 series of positive regulators offer self contained,
fixed-voltage capability with up to 1.5A of load current and input voltage up
to 50V (SG7800A series only).
These units feature a unique on-chip
trimming system to set the output voltages to within
±1.5% of nominal on the
SG7800A series,
±2.0% on the SG7800 series. The SG7800A versions also
offer much improved line and load regulation characteristics. Utilizing an
improved Bandgap reference design, problems have been eliminated that
are normally associated with the Zener diode references, such as drift in
output voltage and large changes in the line and load regulation.
All protective features of thermal shutdown, current limiting, and safe-area
control have been designed into these units and since these regulators
require only a small output capacitor for satisfactory performance, ease of
application is assured.
Although designed as fixed-voltage regulators, the output voltage can be
increased through the use of a simple voltage divider. The low quiescent
drain current of the device insures good regulation when this method is used.
Product is available in hermetically sealed TO-257, TO-3, TO39 and LCC
packages.
DESCRIPTION
FEATURES
••••• Output voltage set internally to ±±±±±1.5% on SG7800A
••••• Input voltage range to 50V max. on SG7800A
••••• Two volt input-output differential
••••• Excellent line and load regulation
••••• Foldback current limiting
••••• Thermal overload protection
••••• Voltages available: 5V, 12V, 15V
••••• Available in surface mount package
HIGH RELIABILITY FEATURES
- SG7800A/7800
♦ Available to MIL-STD - 883
♦ MIL-M38510/10702BXA - JAN7805T
♦ MIL-M38510/10703BXA - JAN7812T
♦ MIL-M38510/10704BXA - JAN7815T
♦ MIL-M38510/10706BYA - JAN7805K
♦ MIL-M38510/10707BYA - JAN7812K
♦ MIL-M38510/10708BYA - JAN7815K
♦ Radiation data available
♦ LMI level "S" processing available
SCHEMATIC DIAGRAM
SG7800A/SG7800
*
* For normal operation the (V
OS) sense pin must be externally connected to the load.


Similar Part No. - SG78883B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800 MICROSEMI-SG7800 Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7800 MICRO-ELECTRONICS-SG7800 Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7800 MICROSEMI-SG7800 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG7800 MICROSEMI-SG7800 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - SG78883B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
IL78L05 KODENSHI-IL78L05 Datasheet
237Kb / 13P
   FIXED VOLTAGE REGULATOR (POSITIVE)
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com