Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMG-SSC12A64 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LMG-SSC12A64
Description  DOT MATRIX LIQUID CRYSTAL DISPLAY MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LMG-SSC12A64 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LMG-SSC12A64 Datasheet HTML 1Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 2Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 3Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 4Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 5Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 6Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 7Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 8Page - List of Unclassifed Manufacturers LMG-SSC12A64 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.
Mechanical Specification
ITEM
STANDARD VALUE
UNIT
DOT MATRIX FORMAT
128 X 64 DOTS
--
MODULE DIMENSION
93.0 (W) X 70.0 (H) X 9.5 (T)
93.0 (W) X 70.0 (H) X 14.0 (T)
mm
VIEWING DISPLAY AREA
72.0 (W) X 39.0 (H)
mm
ACTIVE DISPLAY AREA
66.52 (W) X 33.24 (H)
mm
DOT SIZE
0.48 (W) X 0.48 (H)
mm
DOT PITCH
0.52 (W) X 0.52 (H)
mm
LMG-SSC12A64DRG(-H)
STN , Gray , 1/64 Duty , 1/9 Bias , 6 O‘clock
LMG-SSC12A64DRY(-H)
STN , Yellow Green , 1/64 Duty , 1/9 Bias , 6 O‘clock
LMG-SSC12A64DEGB(-H)
STN , Gray , 1/64 Duty , 1/9 Bias , 6 O‘clock , EL Backlight ( Color is Blue)
LMG-SSC12A64DEYW(-H)
STN , Yellow Green , 1/64 Duty , 1/9 Bias , 6 O‘clock , EL Backlight ( Color is White)
LMG-SSC12A64DLGY(-H)
STN , Gray , 1/64 Duty , 1/9 Bias , 6 O‘clock, LED Backlight
LMG-SSC12A64DLYY(-H)
STN , Yellow Green , 1/64 Duty , 1/9 Bias , 6 O‘clock , LED Backlight
EL Use Inverter Type
SDEC-I002A
Inverter Input
DC +5V
V
40
mA
Inverter Output
AC 90~110V
V
400~700
Hz
BACKLIGHT Half-Lift TIME
3,000
HR.
LED Backlight Color
Yellow Green
LED Backlight Input
DC +4.2V
V
300
mA
BACKLIGHT Half-Lift TIME
50,000
HR.
2.
Mechanical Diagram
3. Interface Pin Connections
4. Black And Power Supply Diagram
NO
SYMBOL
LEVEL
FUNCTION
1
VSS
--
GND ( 0V)
2
VDD
H/L
DC +5V
3
VO
H/L
Contrast Adjust
4
D/I
H/L
Data / Instruction code
5
R/W
H/L
Read / Write
6
E
H,H
→L
Enable signal
7
DB0
H/L
Data Bit 0
8
DB1
H/L
Data Bit 1
9
DB2
H/L
Data Bit 2
10
DB3
H/L
Data Bit 3
11
DB4
H/L
Data Bit 4
12
DB5
H/L
Data Bit 5
13
DB6
H/L
Data Bit 6
14
DB7
H/L
Data Bit 7
15
CS1
H
Chip 1 enable signal
16
CS2
H
Chip 2 enable signal
17
/RST
L
Reset signal
18
VEE
DC -5V
Negative voltage output
19
A+(EL1)
--
LED+(EL Backlight 1)
20
K-(EL2)
--
LED-(EL Backlight 2)
PAGE 2 (LMG-SSC12A64 Serial)


Similar Part No. - LMG-SSC12A64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMG002 ETC2-LMG002 Datasheet
553Kb / 1P
   Two Stage Linear Amplifier
logo
SunLED Corporation
LMG04D SUNLED-LMG04D Datasheet
184Kb / 4P
   1.5mm SIDE LOOK LED
logo
Texas Instruments
LMG1020 TI1-LMG1020 Datasheet
389Kb / 19P
[Old version datasheet]   5-V, 7-A, 5-A Low-Side GaN Driver With 60-MHz, 1-ns Speed
LMG1020YFFR TI1-LMG1020YFFR Datasheet
389Kb / 19P
[Old version datasheet]   5-V, 7-A, 5-A Low-Side GaN Driver With 60-MHz, 1-ns Speed
LMG1020YFFT TI1-LMG1020YFFT Datasheet
389Kb / 19P
[Old version datasheet]   5-V, 7-A, 5-A Low-Side GaN Driver With 60-MHz, 1-ns Speed
More results

Similar Description - LMG-SSC12A64

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Sanyo Semicon Device
DS2023 SANYO-DS2023 Datasheet
251Kb / 9P
   20 CHARACTERS * 2 LINES LIQUID CRYSTAL DOT MATRIX DISPLAY MODULE
logo
Hitachi Semiconductor
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com