Electronic Components Datasheet Search |
|
FX-104-CFC-A1F8 Datasheet(PDF) 2 Page - Vectron International, Inc |
|
FX-104-CFC-A1F8 Datasheet(HTML) 2 Page - Vectron International, Inc |
2 / 12 page FX-104 Frequency Translator Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com Performance Characteristics Description Vectron's FX-104 is a SAW based frequency translator which is used to translate any input frequency such as 8 kHz, 1.544 MHz, 2.048 MHz, 19.440 MHz etc. to any specific frequency from 170 MHz to 777.6 MHz. The input frequency does not have to be a 50/50% duty cycle and as an example can be an 8 kHz signal with a logic high "on time" of only 1us, such as a BITS clock. The FX-104 also has the ability to translate any of 1 to 4 different input frequencies to one common output fre- quency, such as input frequencies of 8 kHz and 1.544 MHz and 19.44 MHz and any other frequency between 333 Hz and 170 MHz translating them to any specific output frequency from 170 MHz to 777.600 MHz. The "Input Frequency tracking capability" is the total amount of input frequency deviation in which the FX- 104 is guaranteed to track or translate. As an example, a typical input clock would be 8 kHz ±20 ppm. The FX- 104 is guaranteed to track at least ±40 ppm of error over temperature/ aging/ power supply and is more than twice what most applications require. The PLL control voltage is brought out through a 470K ohm resistor. This would allow for the use of external circuitry (analog comparators or an A/D converter plus a processor) to detect when the control voltage is getting close to the limits of the pull range. Output Frequencies 155.52 777.6 MHz Supply Voltage, C = 5 Vdc Vcc 4.75 5.00 5.25 Vdc D = 3.3 Vdc Vcc 3.15 3.30 3.45 Vdc Supply Current Icc 95 125 mA Input Signal, A = HCMOS CLKIN HCMOS --- D = PECL CLKIN PECL --- OUTPUT, F = Comp PECL --- --- PECL --- --- VOL VOL Vcc-1.95 Vcc-1.63 V VOH VOH Vcc-0.98 Vcc-0.75 V Rise/Fall Time (20% to 80%) t R/tF 250 400 ps Output Symmetry Sym 45 49/51 55 % Jitter Generation, rms (12 kHz to 20 MHz) 0.23 1 ps Jitter Generation, rms (cycle to cycle method) 3 5 ps Jitter Transfer, GR-253-CORE sec 5.6.2.1.2 0.1 dB Input Frequency Tracking Capability (Can translate a Stratum 1,2,3,3E,4 APR ±40 ppm or SONET Min source) Operating Temperature Temp Range C = 0°C to +70°C Temp Range F = -40°C to +85°C Size 25.4 x 20.32 x 6.35 mm (1.0” x 0.8” x 0.25”) Parameter Symbol Min Typical Max Unit |
Similar Part No. - FX-104-CFC-A1F8 |
|
Similar Description - FX-104-CFC-A1F8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |