Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1356CV25-167BGC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1356CV25-167BGC
Description  9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1356CV25-167BGC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1356CV25-167BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1356CV25-167BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1356CV25-167BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1356CV25-167BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1356CV25-167BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1356CV25-167BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1356CV25-167BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1356CV25-167BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1356CV25-167BGC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
PRELIMINARY
CY7C1354CV25
CY7C1356CV25
Document #: 38-05537 Rev. *B
Page 8 of 25
deasserted HIGH before presenting data to the DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1354CV25 and DQa,b/DQPa,b
for CY7C1356CV25) inputs. Doing so will three-state the
output drivers. As a safety precaution, DQ and DQP (DQa,b,c,d/
DQPa,b,c,d for CY7C1354CV25 and DQa,b/DQPa,b for
CY7C1356CV25) are automatically three-stated during the
data portion of a write cycle, regardless of the state of OE.
Burst Write Accesses
The CY7C1354CV25/56CV25 has an on-chip burst counter
that allows the user the ability to supply a single address and
conduct up to four WRITE operations without reasserting the
address inputs. ADV/LD must be driven LOW in order to load
the initial address, as described in the Single Write Access
section above. When ADV/LD is driven HIGH on the subse-
quent clock rise, the chip enables (CE1, CE2, and CE3) and
WE inputs are ignored and the burst counter is incremented.
The correct BW (BWa,b,c,d for CY7C1354CV25 and BWa,b for
CY7C1356CV25) inputs must be driven in each cycle of the
burst write in order to write the correct bytes of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ
places the SRAM in a power conservation “sleep” mode. Two
clock cycles are required to enter into or exit from this “sleep”
mode. While in this mode, data integrity is guaranteed.
Accesses pending when entering the “sleep” mode are not
considered valid nor is the completion of the operation
guaranteed. The device must be deselected prior to entering
the “sleep” mode. CE1, CE2, and CE3, must remain inactive for
the duration of tZZREC after the ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
Second
Address
Third
Address
Fourth
Address
A1,A0
A1,A0
A1,A0
A1,A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table (MODE = GND)
First
Address
Second
Address
Third
Address
Fourth
Address
A1,A0
A1,A0
A1,A0
A1,A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max
Unit
IDDZZ
Sleep mode standby current
ZZ
> V
DD − 0.2V
50
mA
tZZS
Device operation to ZZ
ZZ
> V
DD − 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ
< 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns
Truth Table[2, 3, 4, 5, 6, 7, 8]
Operation
Address
Used
CE
ZZ
ADV/LD
WE
BWx
OE
CEN
CLK
DQ
Deselect Cycle
None
H
L
L
X
X
X
L
L-H
Three-State
Continue Deselect Cycle
None
X
L
H
X
X
X
L
L-H
Three-State
Read Cycle (Begin Burst)
External
L
L
L
H
X
L
L
L-H
Data Out (Q)
Read Cycle (Continue Burst)
Next
X
L
H
X
X
L
L
L-H
Data Out (Q)
NOP/Dummy Read (Begin Burst)
External
L
L
L
H
X
H
L
L-H
Three-State
Dummy Read (Continue Burst)
Next
X
L
H
X
X
H
L
L-H
Three-State
Write Cycle (Begin Burst)
External
L
L
L
L
L
X
L
L-H
Data In (D)
Write Cycle (Continue Burst)
Next
X
L
H
X
L
X
L
L-H
Data In (D)
NOP/WRITE ABORT (Begin Burst)
None
L
L
L
L
H
X
L
L-H
Three-State
WRITE ABORT (Continue Burst)
Next
X
L
H
X
H
X
L
L-H
Three-State
IGNORE CLOCK EDGE (Stall)
Current
X
L
X
X
X
X
H
L-H
SLEEP MODE
None
X
H
X
X
X
X
X
X
Three-State
Notes:
2. X = “Don’t Care”, H = Logic HIGH, L = Logic LOW, CE stands for ALL Chip Enables active. BWx = L signifies at least one Byte Write Select is active, BWx =
Valid signifies that the desired Byte Write Selects are asserted, see Write Cycle Description table for details.
3. Write is defined by WE and BWX. See Write Cycle Description table for details.
4. When a write cycle is detected, all I/Os are three-stated, even during Byte Writes.
5. The DQ and DQP pins are controlled by the current cycle and the OE signal.
6. CEN = H inserts wait states.
7. Device will power-up deselected and the I/Os in a three-state condition, regardless of OE.
8. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle DQs and DQPX = Three-state when
OE is inactive or when the device is deselected, and DQs = data when OE is active.


Similar Part No. - CY7C1356CV25-167BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1356CV25-166AXC CYPRESS-CY7C1356CV25-166AXC Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356CV25-166AXC CYPRESS-CY7C1356CV25-166AXC Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1356CV25-166AXI CYPRESS-CY7C1356CV25-166AXI Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356CV25-166BGC CYPRESS-CY7C1356CV25-166BGC Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356CV25-166BGI CYPRESS-CY7C1356CV25-166BGI Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1356CV25-167BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com