Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1363C-133BZC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1363C-133BZC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1363C-133BZC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1363C-133BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1363C-133BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1363C-133BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1363C-133BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1363C-133BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1363C-133BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1363C-133BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1363C-133BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1363C-133BZC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PRELIMINARY
CY7C1361C
CY7C1363C
Document #: 38-05541 Rev. *A
Page 10 of 30
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min.
Max.
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD – 0.2V
35
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2V
2tCYC
ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns
Truth Table [ 3, 4, 5, 6, 7]
Cycle Description
Address
Used
CE1 CE2 CE3 ZZ ADSP
ADSC
ADV WRITE OE CLK
DQ
Deselected Cycle, Power-down
None
H
X
X
L
X
L
X
X
X
L-H
three-state
Deselected Cycle, Power-down
None
L
L
X
L
L
X
X
X
X
L-H
three-state
Deselected Cycle, Power-down
None
L
X
H
L
L
X
X
X
X
L-H
three-state
Deselected Cycle, Power-down
None
L
L
X
L
H
L
X
X
X
L-H
three-state
Deselected Cycle, Power-down
None
X
X
X
L
H
L
X
X
X
L-H
three-state
Sleep Mode, Power-down
None
X
X
X
H
X
X
X
X
X
X
three-state
Read Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
L
L-H
Q
Read Cycle, Begin Burst
External
L
H
L
L
L
X
X
X
H
L-H
three-state
Write Cycle, Begin Burst
External
L
H
L
L
H
L
X
L
X
L-H
D
Read Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
L
L-H
Q
Read Cycle, Begin Burst
External
L
H
L
L
H
L
X
H
H
L-H
three-state
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
L
L-H
Q
Read Cycle, Continue Burst
Next
X
X
X
L
H
H
L
H
H
L-H
three-state
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
L
L-H
Q
Read Cycle, Continue Burst
Next
H
X
X
L
X
H
L
H
H
L-H
three-state
Write Cycle, Continue Burst
Next
X
X
X
L
H
H
L
L
X
L-H
D
Write Cycle, Continue Burst
Next
H
X
X
L
X
H
L
L
X
L-H
D
Read Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
L
L-H
Q
Read Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
H
H
L-H
three-state
Read Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
L
L-H
Q
Read Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
H
H
L-H
three-state
Write Cycle, Suspend Burst
Current
X
X
X
L
H
H
H
L
X
L-H
D
Write Cycle, Suspend Burst
Current
H
X
X
L
X
H
H
L
X
L-H
D
Notes:
3. X=”Don't Care.” H = Logic HIGH, L = Logic LOW.
4. WRITE = L when any one or more Byte Write enable signals and BWE = L or GW= L. WRITE = H when all Byte write enable signals , BWE, GW = H..
5. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock.
6. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BWX. Writes may occur only on subsequent clocks after
the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to three-state. OE is a don't
care for the remainder of the write cycle.
7. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are three-state when OE
is inactive or when the device is deselected, and all data bits behave as output when OE is active (LOW).


Similar Part No. - CY7C1363C-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1363C-133BZC CYPRESS-CY7C1363C-133BZC Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1363C-133BZC CYPRESS-CY7C1363C-133BZC Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results

Similar Description - CY7C1363C-133BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com