Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1361C-133BGI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1361C-133BGI
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1361C-133BGI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1361C-133BGI Datasheet HTML 4Page - Cypress Semiconductor CY7C1361C-133BGI Datasheet HTML 5Page - Cypress Semiconductor CY7C1361C-133BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1361C-133BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1361C-133BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1361C-133BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1361C-133BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1361C-133BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C1361C-133BGI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
PRELIMINARY
CY7C1361C
CY7C1363C
Document #: 38-05541 Rev. *A
Page 8 of 30
VSSQ
I/O Ground
Ground for the I/O circuitry.
TDO
JTAG serial output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If the
JTAG feature is not being utilized, this pin should be left unconnected. This pin is not
available on TQFP packages.
TDI
JTAG serial input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not being utilized, this pin can be left floating or connected to VDD through a pull
up resistor. This pin is not available on TQFP packages.
TMS
JTAG serial input
Synchronous
Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG
feature is not being utilized, this pin can be disconnected or connected to VDD. This pin
is not available on TQFP packages.
TCK
JTAG-
Clock
Clock input to the JTAG circuitry. If the JTAG feature is not being utilized, this pin must
be connected to VSS. This pin is not available on TQFP packages.
NC
No Connects. Not internally connected to the die. 18M, 36M, 72M, 144M and 288M are
address expansion pins are not internally connected to the die.
VSS/DNU
Ground/DNU
This pin can be connected to Ground or should be left floating.
Pin Definitions (continued)
Name
I/O
Description


Similar Part No. - CY7C1361C-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361C-133BGI CYPRESS-CY7C1361C-133BGI Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-133BGI CYPRESS-CY7C1361C-133BGI Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
More results

Similar Description - CY7C1361C-133BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com