Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2892F1-1815 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2892F1-1815
Description  2ch LOW DROPOUT VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2892F1-1815 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2892F1-1815 Datasheet HTML 3Page - New Japan Radio NJM2892F1-1815 Datasheet HTML 4Page - New Japan Radio NJM2892F1-1815 Datasheet HTML 5Page - New Japan Radio NJM2892F1-1815 Datasheet HTML 6Page - New Japan Radio NJM2892F1-1815 Datasheet HTML 7Page - New Japan Radio NJM2892F1-1815 Datasheet HTML 8Page - New Japan Radio NJM2892F1-1815 Datasheet HTML 9Page - New Japan Radio NJM2892F1-1815 Datasheet HTML 10Page - New Japan Radio NJM2892F1-1815 Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJM2892
-7-
Ver.2004-12-24
ELECTRICAL CHARACTERISTICS
2.7
2.8
2.9
3
3.1
3.2
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
Input Voltage : VIN(V)
NJM2892_3.0V
Output Voltage vs. Input Voltage
@:Ta=25
oC
Co=1.0
µF(Ceramic)
Io=0A
Io=30mA
Io=100mA
0
0.5
1
1.5
2
2.5
3
3.5
4
0
50
100
150
200
NJM2892_3.0V
Output Voltage vs. Output Current
@:Ta=25
oC
VIN=4.0V
Co=1
µF(Ceramic)
Output Current : Io(mA)
0
5
10
15
0
20
40
60
80
100
120
140
NJM2892_3.0V
Ground Pin Current v.s. Output Current
@:Ta=25
oC
VIN=4.0V
Co=1.0
µF(Ceramic)
Output Current : IO(mA)
0
0.05
0.1
0.15
0.2
0.25
0.3
0
204060
80
100
120
Output Current:Io(mA)
@:Ta=25
o
C
Co=1.0
µF(Ceramic)
NJM2892_3.0V
Dropout Voltage vs. Output Current
0
5
10
15
20
25
30
012
3
Control Voltage : V
Cont
(V)
NJM2892_3.0V
Control Current vs. Control Voltage
@:Ta=25
oC
VIN=4.0V
Co=1.0
µF(Ceramic)
Io=30mA
Rc=0
Rc=50k
Rc=100k
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.511.5
22.5
3
Control Voltage : V
Cont
(V)
NJM2892_3.0V
Output Voltage vs. Control Voltage
@:Ta=25
oC
VIN=4.0V
Co=1.0
µF(Ceramic)
Io=30mA
Rc=0
Rc=50k
Rc=100k


Similar Part No. - NJM2892F1-1815

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2890 NJRC-NJM2890 Datasheet
152Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2890R NJRC-NJM2890R Datasheet
152Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2891 NJRC-NJM2891 Datasheet
185Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2891PB1 NJRC-NJM2891PB1 Datasheet
185Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2891PB1-0303 NJRC-NJM2891PB1-0303 Datasheet
185Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2892F1-1815

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7254 NJRC-NJU7254 Datasheet
224Kb / 9P
   2ch LOW DROPOUT VOLTAGE REGULATOR
Ver.2006-06-13
NJM2891 NJRC-NJM2891 Datasheet
185Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2890 NJRC-NJM2890 Datasheet
152Kb / 10P
   2ch LOW DROPOUT VOLTAGE REGULATOR
NJM2839 NJRC-NJM2839 Datasheet
131Kb / 9P
   POSITIVE/NEGATIVE 2CH LOW DROPOUT VOLTAGE REGULATOR
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
E-CMOS Corporation
EC3121 E-CMOS-EC3121 Datasheet
303Kb / 7P
   300mA 2CH Low Dropout Voltage Linear Regulators
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com