Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8799 Datasheet(PDF) 2 Page - Exar Corporation

Part # MP8799
Description  CMOS Very Low Power, 1 MSPS, 10-Bit Analog-to-Digital Converter with 8-Channel Mux
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8799 Datasheet(HTML) 2 Page - Exar Corporation

  MP8799 Datasheet HTML 1Page - Exar Corporation MP8799 Datasheet HTML 2Page - Exar Corporation MP8799 Datasheet HTML 3Page - Exar Corporation MP8799 Datasheet HTML 4Page - Exar Corporation MP8799 Datasheet HTML 5Page - Exar Corporation MP8799 Datasheet HTML 6Page - Exar Corporation MP8799 Datasheet HTML 7Page - Exar Corporation MP8799 Datasheet HTML 8Page - Exar Corporation MP8799 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP8799
2
Rev. 3.00
SIMPLIFIED BLOCK AND TIMING DIAGRAM
OFW
10
DFF
N
N
CLK
Fine
Com-
Adder
45
6
CLK
R2
R1
φB
DGND
Coarse
Comparators
N
OFW
Resolution
parators
N-1
N-1
AVDD DVDD
VREF(+)
DB9-DB0
DB9-DB0
1 or 8
MUX
AIN1
AIN8
φS
3 to 8
Decoder
A1
A0
WR
AVDD
OE
A2
CLR
AGND
VREF1(–)
PD
R3
Ladder
VREF(–)
Latch
8
φB
φS
PIN CONFIGURATIONS
See Packaging Section for
Package Dimensions
33
23
22
12
111
34
44
Index
44-Pin PQFP (10mm x 10mm)
QN44
See the following
page for pin numbers
and descriptions


Similar Part No. - MP8799

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
   16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8792GLE MPSIND-MP8792GLE Datasheet
1Mb / 20P
   16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
   16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
MP8794GLE MPSIND-MP8794GLE Datasheet
1Mb / 22P
   16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
logo
Exar Corporation
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
   CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - MP8799

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP8798 EXAR-MP8798 Datasheet
219Kb / 20P
   CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
   CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
MP8820 EXAR-MP8820 Datasheet
139Kb / 12P
   8-Bit Analog-to-Digital Converter with an 8-Channel MUX
logo
Texas Instruments
TLV5535 TI-TLV5535 Datasheet
535Kb / 32P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535-Q1 TI1-TLV5535-Q1 Datasheet
667Kb / 36P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535 TI1-TLV5535_14 Datasheet
721Kb / 36P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
TLV5535IPWR TI-TLV5535IPWR Datasheet
700Kb / 35P
[Old version datasheet]   8-BIT, 35 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
XRD8799 EXAR-XRD8799 Datasheet
401Kb / 23P
   LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
XRD87L99 EXAR-XRD87L99 Datasheet
431Kb / 23P
   LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
logo
Texas Instruments
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
[Old version datasheet]   DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com