Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2751 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SK2751
Description  Silicon N-Channel Junction FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK2751 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SK2751 Datasheet HTML 1Page - Panasonic Semiconductor 2SK2751 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Silicon Junction FETs (Small Signal)
unit: mm
2SK2751
Silicon N-Channel Junction FET
For impedance conversion in low frequency
For pyroelectric sensor
s Features
q Low noise-figure (NF)
q High gate to drain voltage V
GDO
q Mini-type package, allowing downsizing of the sets and automatic
insertion through the tape/magazine packing.
s Electrical Characteristics (Ta = 25 ± 3°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Gate to Drain voltage
Gate to Source cut-off voltage
Forward transfer admittance
Input capacitance (Common Source)
Output capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Symbol
IDSS
IGSS
VGDS
VGSC
| Yfs |
Ciss
Coss
Crss
Conditions
VDS = 10V, VGS = 0
VGS = −20V, VDS = 0
IG = −100µA, VDS = 0
VDS = 10V, ID = 1µA
VDS = 10V, ID = 1µA, f = 1kHz
VDS = 10V, VGS = 0, f = 1MHz
min
1.4
−40
2.5
max
4.7
−1
−3.5
Unit
mA
nA
V
V
mS
pF
pF
pF
Note: The test method to comply with JISC7030, Field effect transistor test method.
typ
5
1
1
1: Source
JEDEC: TO-236
2: Drain
EIAJ: SC-59
3: Gate
Mini Type Package (3-pin)
Marking Symbol: HS
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65±0.15
0.65±0.15
3
1
2
0.4±0.2
0.1 to 0.3
s Absolute Maximum Ratings (Ta = 25°C)
Parameter
Gate to Drain voltage
Drain current
Gate current
Allowable power dissipation
Channel temperature
Storage temperature
Symbol
VGDS
ID
IG
PD
Tch
Tstg
Ratings
−40
10
2
200
150
−55 to +150
Unit
V
mA
mA
mW
°C
°C


Similar Part No. - 2SK2751

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SK2751 UTC-2SK2751 Datasheet
120Kb / 3P
   N-CHANNEL JUNCTION FET
2SK2751 UTC-2SK2751 Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
2SK2751-AE3-R UTC-2SK2751-AE3-R Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
2SK2751-AL3-R UTC-2SK2751-AL3-R Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
2SK2751G-AE3-R UTC-2SK2751G-AE3-R Datasheet
207Kb / 4P
   N-CHANNEL JUNCTION FET
More results

Similar Description - 2SK2751

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
30Kb / 2P
   Silicon N-Channel Junction FET
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com