Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX3160 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3160
Description  Single Chip Radio Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3160 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX3160 Datasheet HTML 4Page - National Semiconductor (TI) LMX3160 Datasheet HTML 5Page - National Semiconductor (TI) LMX3160 Datasheet HTML 6Page - National Semiconductor (TI) LMX3160 Datasheet HTML 7Page - National Semiconductor (TI) LMX3160 Datasheet HTML 8Page - National Semiconductor (TI) LMX3160 Datasheet HTML 9Page - National Semiconductor (TI) LMX3160 Datasheet HTML 10Page - National Semiconductor (TI) LMX3160 Datasheet HTML 11Page - National Semiconductor (TI) LMX3160 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PLL Functional Description (Continued)
The data stream is clocked on the rising edge of LE into the DATA input MSB first The last two bits are the control bits DATA is
transferred into the counters as follows
Control Bits
DATA Location
C1
C2
0
0
N Counter
0
1
R Counter
1
X
F Latch
X e Dont Care
Programmable Divider (N Counters)
The N counter consists of the 6-bit swallow counter (A counter) and the 6-bit programmable counter (B counter) When the
control bits are ‘‘00’’ data is transferred from the 20-bit shift register into two 6-bit latches One latch sets the A counter while the
other sets the B counter MSB first Serial data format is shown below
LSB
MSB
C1
C2
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
X
X
X
X
X
X
Control Bits
Divide Ratio of Programmable Divider N
Don’t Care
6-Bit Swallow Counter Divide Ratio (A Counter)
Divide Ratio A
N6
N5
N4
N3
N2
N1
0
000000
1
000001
63
111111
Notes
Divide ratio 0 to 63
B t A
8


Similar Part No. - LMX3160

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX3161 NSC-LMX3161 Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
LMX3161VBH NSC-LMX3161VBH Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
LMX3161VBHX NSC-LMX3161VBHX Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
LMX3162 NSC-LMX3162 Datasheet
399Kb / 18P
   Single Chip Radio Transceiver
LMX3162VBH NSC-LMX3162VBH Datasheet
399Kb / 18P
   Single Chip Radio Transceiver
More results

Similar Description - LMX3160

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-52000 AMI-AMIS-52000 Datasheet
649Kb / 15P
   Single-Chip Radio Transceiver
logo
National Semiconductor ...
LMX3161 NSC-LMX3161 Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
LMX3162 NSC-LMX3162 Datasheet
399Kb / 18P
   Single Chip Radio Transceiver
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_10 Datasheet
3Mb / 172P
   single-chip RF transceiver provides a complete radio interface
logo
NXP Semiconductors
TEA5767 PHILIPS-TEA5767 Datasheet
382Kb / 2P
   single-chip FM stereo radio
March 2002
TEA5760UK NXP-TEA5760UK Datasheet
220Kb / 37P
   Single chip FM stereo radio
Rev. 01-14 December 2006
logo
Sanyo Semicon Device
LA1800 SANYO-LA1800 Datasheet
577Kb / 8P
   FM/AM Single-Chip Radio
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
   FM/AM SINGLE CHIP RADIO
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
   Bluetooth Radio Transceiver?
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com