Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX3160 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX3160
Description  Single Chip Radio Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX3160 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMX3160 Datasheet HTML 2Page - National Semiconductor (TI) LMX3160 Datasheet HTML 3Page - National Semiconductor (TI) LMX3160 Datasheet HTML 4Page - National Semiconductor (TI) LMX3160 Datasheet HTML 5Page - National Semiconductor (TI) LMX3160 Datasheet HTML 6Page - National Semiconductor (TI) LMX3160 Datasheet HTML 7Page - National Semiconductor (TI) LMX3160 Datasheet HTML 8Page - National Semiconductor (TI) LMX3160 Datasheet HTML 9Page - National Semiconductor (TI) LMX3160 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical Characteristics The following specifications are guaranteed over the recommended operating condi-
tions unless otherwise specified (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
FREQUENCY SYNTHESIZER
VOSC
Oscillator Sensitivity
05
10
VPP
IDo-source
Charge Pump Output Current
Vdo e VP 2 Icpo e LOW (Note 4)
b
15
mA
IDo-sink
Vdo e VP 2 Icpo e LOW (Note 4)
15
mA
IDo-source
Vdo e VP 2 Icpo e HIGH (Note 4)
b
60
mA
IDo-sink
Vdo e VP 2 Icpo e HIGH (Note 4)
60
mA
IDo-Tri
05 s Vdo s VP b05
b
10
01
10
nA
TA e 25 C
VOH
High-Level Output Voltage
IOH eb10 mA
VCC b04
V
VOL
Low-Level Output Voltage
IOL e 10 mA
04
V
VIH
High-Level Input Voltage
VCC b08
V
VIL
Low-Level Input Voltage
08
V
IIN
Input Current
GND k VIN k VCC
b
10
10
mA
tCS
Data to Clock Set Up Time
See Data Input Timing
50
ns
tCH
Data to Clock Hold Time
See Data Input Timing
10
ns
tCWH
Clock Pulse Width High
See Data Input Timing
50
ns
tCWL
Clock Pulse Width Low
See Data Input Timing
50
ns
tES
Clock to Load Enable Set Up Time
See Data Input Timing
50
ns
tEW
Load Enable Pulse Width
See Data Input Timing
50
ns
DC COMPENSATION SAMPLE AND HOLD CIRCUIT
VOS
Input Offset Voltage
3mV
VIO
InputOutput Voltage Swing
Centered at 15V
10
VPP
RSH
Sample and Hold Resistor
224
336
X
DV
Threshold Input Voltage Droop
Chold e 2700 pF
1
10
mVms
Note 1
This includes 5 mA current sourced from the Rx VREG pin for the external receive LNA as shown in the application diagram
Note 2
This includes 5 mA current sourced from the Tx VREG pin for the external transmit buffer used before the power amplifier as shown in the application
diagram
Note 3
Measured at the output of external gain stage
Note 4
See programmable modes for Icpo description
6


Similar Part No. - LMX3160

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX3161 NSC-LMX3161 Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
LMX3161VBH NSC-LMX3161VBH Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
LMX3161VBHX NSC-LMX3161VBHX Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
LMX3162 NSC-LMX3162 Datasheet
399Kb / 18P
   Single Chip Radio Transceiver
LMX3162VBH NSC-LMX3162VBH Datasheet
399Kb / 18P
   Single Chip Radio Transceiver
More results

Similar Description - LMX3160

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-52000 AMI-AMIS-52000 Datasheet
649Kb / 15P
   Single-Chip Radio Transceiver
logo
National Semiconductor ...
LMX3161 NSC-LMX3161 Datasheet
212Kb / 14P
   Single Chip Radio Transceiver
LMX3162 NSC-LMX3162 Datasheet
399Kb / 18P
   Single Chip Radio Transceiver
logo
ATMEL Corporation
AT86RF212 ATMEL-AT86RF212_10 Datasheet
3Mb / 172P
   single-chip RF transceiver provides a complete radio interface
logo
NXP Semiconductors
TEA5767 PHILIPS-TEA5767 Datasheet
382Kb / 2P
   single-chip FM stereo radio
March 2002
TEA5760UK NXP-TEA5760UK Datasheet
220Kb / 37P
   Single chip FM stereo radio
Rev. 01-14 December 2006
logo
Sanyo Semicon Device
LA1800 SANYO-LA1800 Datasheet
577Kb / 8P
   FM/AM Single-Chip Radio
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
   FM/AM SINGLE CHIP RADIO
logo
Infineon Technologies A...
PBA31305 INFINEON-PBA31305 Datasheet
25Kb / 2P
   Bluetooth Radio Transceiver?
logo
rfsolutions.ltd
RF650 RFSOLUTIONS-RF650 Datasheet
365Kb / 11P
   SMART RADIO TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com