Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HCT374A Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74HCT374A
Description  Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74HCT374A Datasheet(HTML) 1 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
381
Octal 3-State
Noninverting D Flip-Flop
High-Performance Silicon-Gate CMOS
The IN74HCT374A is identical in pinout to the LS/ALS374.
The IN74HCT374A may be used as a level converter for
interfacing TTL or NMOS outputs to High-Speed CMOS inputs.
Data meeting the setup and hold time is clocked to the outputs with
the rising edge of the Clock. The Output Enable input does not affect
the states of the flip-flops, but when Output Enable is high, the outputs
are forced to the high-impedance state; thus, data may be stored even
when the outputs are not enabled.
• TTL/NMOS-Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA
IN74HCT374A
ORDERING INFORMATION
IN74HCT374AN Plastic
IN74HCT374ADW SOIC
TA = -55° to 125° C for all packages
FUNCTION TABLE
Inputs
Output
Output
Enable
Clock
D
Q
LH
H
LL
L
LL,H,
X
no
change
HX
X
Z
X = don’t care
Z = high impedance
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn