Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1356CV25-225BGC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1356CV25-225BGC
Description  9-Mbit ( 256K x 36/512K x 18 ) Pipelined SRAM with NoBL-TM Architecture
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1356CV25-225BGC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1356CV25-225BGC Datasheet HTML 1Page - Cypress Semiconductor CY7C1356CV25-225BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1356CV25-225BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1356CV25-225BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1356CV25-225BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1356CV25-225BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1356CV25-225BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1356CV25-225BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1356CV25-225BGC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
PRELIMINARY
CY7C1354CV25
CY7C1356CV25
Document #: 38-05537 Rev. *B
Page 4 of 25
Pin Configurations (continued)
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
DQa
VDDQ
NC
NC
DQc
DQd
DQc
DQd
AA
A
A
E(18)
VDDQ
CE2
A
VDDQ
VDDQ
VDDQ
VDDQ
NC
NC
A
DQc
DQc
DQd
DQd
TMS
VDD
A
E(72)
DQPd
A
A
ADV/LD
ACE3
NC
VDD
AA
NC
VSS
VSS
NC
DQPb
DQb
DQb
DQa
DQb
DQb
DQa
DQa
NC
TDI
TDO
VDDQ
TCK
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
MODE
CE1
VSS
OE
VSS
VDDQ
BWc
A
VSS
WE
VDDQ
VDD
NC
VDD
VSS
CLK
NC
BWa
CEN
VSS
VDDQ
VSS
ZZ
NC
A
A
A1
A0
VSS
VDD
NC
CY7C1354CV25 (256K × 36) – 14 × 22 BGA
DQPc
DQb
AE(36)
DQc
DQb
DQc
DQc
DQc
DQb
DQb
DQa
DQa
DQa
DQa
DQPa
DQd
DQd
DQd
DQd
BWd
119-ball BGA Pinout
BWb
23
4
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
E(36)
DQa
VDDQ
NC
NC
NC
DQb
DQb
DQb
DQb
AA
A
A
E(18)
VDDQ
CE2
A
NC
VDDQ
NC
VDDQ
VDDQ
VDDQ
NC
NC
NC
E(72)
A
DQb
DQb
DQb
DQb
NC
NC
NC
NC
TMS
VDD
A
A
DQPb
A
A
ADV/LD
A
CE3
NC
VDD
AA
NC
VSS
VSS
NC
NC
DQPa
DQa
DQa
DQa
DQa
DQa
DQa
DQa
NC
TDI
TDO
VDDQ
TCK
VSS
VSS
VSS
NC
VSS
VSS
VSS
VSS
VSS
MODE
CE1
VSS
NC
OE
VSS
VDDQ
BWb
AVSS
NC
VSS
WE
NC
VDDQ
VDD
NC
VDD
NC
VSS
CLK
NC
NC
BWa
CEN
VSS
NC
VDDQ
VSS
NC
ZZ
NC
A
A
A
A1
A0
VSS
NC
VDD
NC
CY7C1356CV25 (512K x 18)–14 x 22 BGA


Similar Part No. - CY7C1356CV25-225BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1356CV25-200AXC CYPRESS-CY7C1356CV25-200AXC Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356CV25-200AXI CYPRESS-CY7C1356CV25-200AXI Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356CV25-200BGC CYPRESS-CY7C1356CV25-200BGC Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356CV25-200BGI CYPRESS-CY7C1356CV25-200BGI Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356CV25-200BGXC CYPRESS-CY7C1356CV25-200BGXC Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1356CV25-225BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354DV25 CYPRESS-CY7C1354DV25 Datasheet
869Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_06 Datasheet
492Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_06 Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com