Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1361C-117AXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1361C-117AXC
Description  9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1361C-117AXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1361C-117AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1361C-117AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1361C-117AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1361C-117AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1361C-117AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1361C-117AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1361C-117AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1361C-117AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1361C-117AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PRELIMINARY
9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C
CY7C1363C
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05541 Rev. *A
Revised October 5, 2004
Features
• Supports 133-MHz bus operations
• 256K × 36/512K × 18 common I/O
• 3.3V –5% and +10% core power supply (VDD)
• 2.5V or 3.3V I/O supply (VDDQ)
• Fast clock-to-output times
— 6.5 ns (133-MHz version)
— 7.5 ns (117-MHz version)
— 8.5 ns (100-MHz version)
• Provide high-performance 2-1-1-1 access rate
• User-selectable burst counter supporting Intel
Pentiuminterleaved or linear burst sequences
• Separate processor and controller address strobes
• Synchronous self-timed write
• Asynchronous output enable
• Available in Lead-Free 100 TQFP,119 BGA and 165 fBGA
packages Both 2 and 3 Chip Enable Options for TQFP
• IEEE 1149.1 compatible JTAG Boundary Scan for BGA
and fBGA packages
•“ZZ” Sleep Mode option
Functional Description[1]
The CY7C1361C/CY7C1363C is a 3.3V, 256K x 36 and 512K x
18 Synchronous Flowthrough SRAMs, respectively designed
to interface with high-speed microprocessors with minimum
glue logic. Maximum access delay from clock rise is 6.5 ns
(133-MHz version). A 2-bit on-chip counter captures the first
address in a burst and increments the address automatically
for the rest of the burst access. All synchronous inputs are
gated by registers controlled by a positive-edge-triggered
Clock Input (CLK). The synchronous inputs include all
addresses, all data inputs, address-pipelining Chip Enable
(CE1), depth-expansion Chip Enables (CE2 and CE3[2]), Burst
Control inputs (ADSC, ADSP, and ADV), Write Enables (BWx,
and BWE), and Global Write (GW). Asynchronous inputs
include the Output Enable (OE) and the ZZ pin.
The CY7C1361C/CY7C1363C allows either interleaved or
linear burst sequences, selected by the MODE input pin. A
HIGH selects an interleaved burst sequence, while a LOW
selects a linear burst sequence. Burst accesses can be
initiated with the Processor Address Strobe (ADSP) or the
cache Controller Address Strobe (ADSC) inputs. Address
advancement is controlled by the Address Advancement
(ADV) input.
Addresses and chip enables are registered at rising edge of
clock when either Address Strobe Processor (ADSP) or
Address Strobe Controller (ADSC) are active. Subsequent
burst addresses can be internally generated as controlled by
the Advance pin (ADV).
The CY7C1361C/CY7C1363C operates from a +3.3V core
power supply while all outputs may operate with either a +2.5
or +3.3V supply. All inputs and outputs are JEDEC-standard
JESD8-5-compatible.
Selection Guide
133 MHz
117 MHz
100 MHz
Unit
Maximum Access Time
6.5
7.5
8.5
ns
Maximum Operating Current
250
220
180
mA
Maximum CMOS Standby Current
30
30
30
mA
Notes:
1. For best–practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
2. CE3 is for A version of TQFP ( 3 Chip Enable Option) and 165 fBGA package only. 119 BGA is offered only in 2 Chip Enable.


Similar Part No. - CY7C1361C-117AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361C-100AJXC CYPRESS-CY7C1361C-100AJXC Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-100AJXI CYPRESS-CY7C1361C-100AJXI Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-100AXC CYPRESS-CY7C1361C-100AXC Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-100AXC CYPRESS-CY7C1361C-100AXC Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C-100AXC CYPRESS-CY7C1361C-100AXC Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
More results

Similar Description - CY7C1361C-117AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1361B CYPRESS-CY7C1361B Datasheet
856Kb / 34P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_06 Datasheet
567Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C CYPRESS-CY7C1361C_09 Datasheet
517Kb / 31P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1361C_2009 CYPRESS-CY7C1361C_2009 Datasheet
1Mb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM
CY7C1355C CYPRESS-CY7C1355C Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C CYPRESS-CY7C1355C_06 Datasheet
504Kb / 28P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
   18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com