Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSA1029 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSA1029
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA1029 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSA1029 Datasheet HTML 1Page - Continental Device India Limited CSA1029 Datasheet HTML 2Page - Continental Device India Limited CSA1029 Datasheet HTML 3Page - Continental Device India Limited CSA1029 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CSC458
TO-92
Plastic Package
Low Frequency Amplifier.
Complementary CSA 1029
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage
VCEO
30
V
Collector Base Voltage
VCBO
30
V
Emitter Base Voltage
VEBO
5.0
V
Collector Current
IC
100
mA
Emitter Current
IE
100
mA
Collector Power Dissipation
PC
200
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=1mA,IE=0
30
V
Collector Base Voltage
VCBO
IC=10µA,IE=0
30
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
5.0
V
Collector Cut off Current
ICBO
VCB=18V, IE = 0
500
n
Α
Emitter Cut off Current
IEBO
VBE=2V, IC = 0
500
nA
DC Current Gain
hFE
VCE=12V,IC=2mA
100
500
Base Emitter On Voltage
VBE(on)
IC=2mA,VCE=12V
0.75
V
Collector Emitter Saturation
VCE(sat)*
IC=10mA,IB=1mA
<0.4
0.20
V
Voltage
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 4


Similar Part No. - CSA1029

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA1020 CDIL-CSA1020 Datasheet
95Kb / 3P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CSA1020 CDIL-CSA1020 Datasheet
206Kb / 3P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
CSA1020PNP CDIL-CSA1020PNP Datasheet
206Kb / 3P
   COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - CSA1029

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com