Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43171611 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 43171611
Description  Antenna - RAD-ISM-5000-ANT-PAR-22-N
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43171611 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43171611 Datasheet HTML 1Page - PHOENIX CONTACT 43171611 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/us/products/5606174
06/17/2015   Page 1 / 2
Antenna - RAD-ISM-5000-ANT-PAR-22-N - 5606174
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Parabolic antenna, 5 GHz, gain 22 dBi, connection N (female), IP55
Product Features
 Directional wireless antennas with high gain for transmission over long distances
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
7783.65 GRM
Custom tariff number
85177019
Country of origin
United States
Technical data
Dimensions
Diameter
304.8 mm
Ambient conditions
Degree of protection
IP55
Ambient temperature (operation)
-40 °C ... 70 °C
General
Frequency range
5 GHz
5.25 GHz ... 5.85 GHz
Horizontal beamwidth
12 °
Vertical beamwidth
12 °
Impedance
50 Ω
Gain
22 dBi
Wind velocity
200 km/h
Connection method
N (female)


Similar Part No. - 43171611

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43171611 PHOENIX-43171611 Datasheet
47Kb / 2P
   Omnidirectional antenna - RAD-ISM-5000-ANT-PAR-18-N
43171611 PHOENIX-43171611 Datasheet
50Kb / 3P
   Antenna - RAD-ISM-5800-ANT-OMNI-10-N
43171611 PHOENIX-43171611 Datasheet
45Kb / 2P
   Adapter - RAD-ADP-RSMA/M-RSMA/F-90
43171611 PHOENIX-43171611 Datasheet
54Kb / 3P
   Antenna cable - RAD-CAB-PFP240-10
09/12/2020
More results

Similar Description - 43171611

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
5606613 PHOENIX-5606613 Datasheet
47Kb / 2P
   Omnidirectional antenna - RAD-ISM-5000-ANT-PAR-18-N
2867885 PHOENIX-2867885 Datasheet
91Kb / 3P
   RAD-ISM-2400-ANT-PAR-19-0
2867814 PHOENIX-2867814 Datasheet
93Kb / 3P
   Antenna - RAD-ISM-900-ANT-YAGI-6.5-N
5606762 PHOENIX-5606762 Datasheet
50Kb / 3P
   Antenna - RAD-ISM-5800-ANT-OMNI-10-N
5606761 PHOENIX-5606761 Datasheet
58Kb / 2P
   Antenna - RAD-ISM-5250-ANT-OMNI-10-N
5604160 PHOENIX-5604160 Datasheet
61Kb / 2P
   Antenna - RAD-ISM- 900-ANT-OMNI-0-N
2867199 PHOENIX-2867199 Datasheet
49Kb / 2P
   Antenna - RAD-ISM-900-ANT-OMNI-5
2885676 PHOENIX-2885676 Datasheet
53Kb / 2P
   Antenna - RAD-ISM-900-ANT-OMNI-RPSMA
2702898 PHOENIX-2702898 Datasheet
58Kb / 3P
   Antenna - RAD-ISM-2459-ANT-FOOD-6-0-N
5606654 PHOENIX-5606654 Datasheet
50Kb / 2P
   Antenna - RAD-ISM- 900-ANT-YAGI-6.5-N-SL
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz