Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54622A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part No. 54622A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54622A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
Figure 2. 2 + 16-channel mixed signal oscilloscope (MSO) allows you to view analog and digital content on one instrument.
Mixed-signal scopes
(models 54621D, 54622D,
54641D, and 54642D)
The mixed-signal oscilloscopes
(MSO), with 2 analog channels
and 16 digital channels, uniquely
combine the detailed signal analy-
sis of a scope with the multi-
channel timing measurements of
a logic analyzer. They let you see
the complex interactions among
your signals on up to 18 channels
at the same time. No more guess-
work and no more poking around
to see a few channels at a time.
These scopes can easily conquer
mixed analog and digital debug-
ging problems that a traditional
scope can't begin to address,
because they let you simultane-
ously test and monitor the high-
speed digital control signals and
the slower analog signals in
your design.
4-channel scope
(model 54624A)
If your designs include heavy
analog content, the 100-MHz
54624A will give you the channel
count and measurement power
you need, including MegaZoom
deep memory, high-definition
display, and flexible triggering.
Whether you’re testing designs
with four inputs, such as anti-lock
brakes, or monitoring multiple
outputs of a power supply, the
4-channel model helps you get
your debug and verification done
with ease.
2-channel scopes
(models 54621A, 54622A,
54641A, and 54642A)
The 2-channel models bring all
the benefits of MegaZoom deep
memory, high-definition display,
and flexible triggering to those
value-minded designers with
lower channel requirements. They
give you an affordable way to see
long time periods while maintain-
ing high sample rate so you can
see details in your designs.
Selection Guide (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn