Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54622A Datasheet(PDF) 22 Page - Agilent(Hewlett-Packard)

Part No. 54622A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54622A Datasheet(HTML) 22 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
Available Options
Description
Option 003
Shielding Option for use in severe environments or with
sensitive devices under test – shields both ways (in and out):
RS-03 Magnetic interface shielding added to CRT, and RE-02
display shield added to CRT to reduce radiated interference
Option 1CM
Rackmount kit (same as 1186A)
.
Warranty and Calibration Options:
All models include a standard 1-year warranty. Contact local sales office for prices of extended options:
A6J
ANSI/NSCL Z540 calibration with test data (replaces 1BP)
R-50C-011-3
3-years of return-to-Agilent inclusive calibration service
R-50C-013-3
3-years of return-to-Agilent inclusive plus calibration service
R-50C-011-5
5-years of return-to-Agilent inclusive calibration service
R-50C-013-5
5-years of return-to-Agilent inclusive plus calibration service
R-51B-001-3C
1-year return-to-Agilent warranty, extended to 3-years
R-51B-001-5C
1-year return-to-Agilent warranty, extended to 5-years
Accessories
Description
1183A
Testmobile scope cart
1185A
Carrying case
1186A
Rackmount kit (same as option 1CM)
N2726A
Accessory pouch & front panel cover
(standard with 100-MHz models, optional with 60-MHz models)
N2727A
Seiko thermal printer and pouch, parallel cable,
power cable, 2 rolls paper, front panel cover
N2728A
10 rolls of printer paper
N2757A
GPIB interface module for 54620-Series and 54640-Series scopes
N2758A
CAN trigger module
Passive Probes
Description
10070C
1:1 passive probe with ID
10073C
10:1 500 MHz passive probe with ID
10074C
10:1 150 MHz passive probe with ID
Ordering Information (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn