Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54622A Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part No. 54622A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54622A Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Ordering Information
Description
54621A
2-channel 60 MHz Oscilloscope
54621D
2+16 channel 60 MHz Mixed Signal Oscilloscope
54622A
2-channel 100 MHz Oscilloscope
54622D
2+16 channel 100 MHz Mixed Signal Oscilloscope
54624A
4-channel 100 MHz Oscilloscope
54641A
2-channel 350 MHz Oscilloscope
54641D
2+16 channel 350 MHz Mixed Signal Oscilloscope
54642A
2-channel 500 MHz Oscilloscope
54642D
2+16 channel 500 MHz Mixed Signal Oscilloscope
Accessories Included:
54621A 54621D 54622A 54622D 54624A 54641A 54641D 54642A 54642D
User’s Guide (localized),
√√√√√√√√√
Service Manual,
Programmer’s Manual
Power cord
√√√√√√√√√
10073C 10:1 divider
000002222
probes with readout
10074C 10:1 divider
222240000
probes with readout
16:2 x 8 input logic
√√
√√
input probe assembly
Accessories pouch
√√√√√√√
and front panel cover
IntuiLink software
**
**
√√√√√√√
RS-232 cable
** IntuiLink Software available free on web at www.agilent.com/find/intuilink
Manual Options (if no option is specified, English ABA will be shipped)
ABA
English
ABJ
Japanese
AB2
Simplified Chinese


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn