Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54622A Datasheet(PDF) 20 Page - Agilent(Hewlett-Packard)

Part # 54622A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54622A Datasheet(HTML) 20 Page - Agilent(Hewlett-Packard)

Back Button 54622A Datasheet HTML 16Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 17Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 19Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 20Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 21Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 23Page - Agilent(Hewlett-Packard) 54622A Datasheet HTML 24Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
Performance Characteristics (continued)
Power Requirements
Line Voltage Range
54621A/D, 54622A/D, 54624A: 100 - 240 VAC ±10%, CAT II, automatic selection
54641A/D, 54642A/D: 100-240 VAC, 50/60 Hz, CAT II, automatic selection; 100-132 VAC, 440 Hz, CAT II,
automatic selection
Line Frequency
54621A/D, 54622A/D, 54624A: 47 to 440 Hz
54641A/D, 54642A/D: 50/60 Hz, 100-240 VAC; 440 Hz, 100-132 VAC
Power Usage
54621A/D, 54622A/D, 54624A: 100 W max
54641A/D, 54642A/D: 110 W max
Environmental Characteristics
Ambient Temperature
Operating -10 °C to +55 °C; Non-operating -51 °C to +71 °C
Humidity
Operating 95% RH at 40 °C for 24 hr; Non-operating 90% RH at 65 °C for 24 hr
Altitude
Operating to 4,570 m (15,000 ft); Non-operating to 15,244 m (50,000 ft)
Vibration
HP/Agilent class B1 and MIL-PRF-28800F; Class 3 random
Shock
HP/Agilent class B1 and MIL-PRF-28800F; (operating 30 g, 1/2 sine, 11-ms duration, 3 shocks/axis along major axis.
Total of 18 shocks)
Pollution Degree2
Normally only dry non-conductive pollution occurs.
Occasionally a temporary conductivity caused by condensation must be expected.
Indoor Use Only
This instrument is rated for indoor use only
Other
Installation Categories
CAT I:Mains isolated
CAT II:Line voltage in appliance and to wall outlet
Regulatory Information:
Safety
IEC 61010-1:1990+A1:1992+A2:1995 / EN 61010-1:1994+A2:1995
UL 3111
CSA-C22.2 No. 1010.1:1992
Supplementary Information
The product herewith complies with the requirements of the Low Voltage Directive 73/23/EEC and the EMC Directive
89/336/EEC, and carries the CE-marking accordingly. The product was tested in a typical configuration with
HP/Agilent test systems.
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.


Similar Part No. - 54622A

ManufacturerPart #DatasheetDescription
logo
Heyco.
5462 HEYCO-5462 Datasheet
380Kb / 2P
   Full Thickness Male Blades
logo
Keysight Technologies
54620-68701 KEYSIGHT-54620-68701 Datasheet
4Mb / 17P
   Low-Profile Oscilloscopes
logo
Festo Corporation.
546256 FESTO-546256 Datasheet
101Kb / 2P
   Air solenoid valve
546257 FESTO-546257 Datasheet
99Kb / 2P
   Air solenoid valve
546258 FESTO-546258 Datasheet
98Kb / 2P
   Air solenoid valve
More results

Similar Description - 54622A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
E2666B KEYSIGHT-E2666B Datasheet
2Mb / 26P
   X-Series Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com