Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54622A Datasheet(PDF) 19 Page - Agilent(Hewlett-Packard)

Part No. 54622A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54622A Datasheet(HTML) 19 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
Performance Characteristics (continued)
Storage
Save/Recall (non-volatile)
54621A/D, 54622A/D, 54624A: 3 setups and traces can be saved and recalled internally
54641A/D, 54642A/D: 4 setups and traces can be saved and recalled internally
Floppy Disk
3.5” 1.44 MB double density
Image formats : TIF, BMP
Data formats: X and Y (time/voltage) values in CSV format
Trace/setup formats: Recalled
I/O
RS-232 (Serial) Standard Port
1 port: XON or DTR; 8 data bits; 1 stop bit; parity = none; 9600, 19200, 38400, 57600 baud rates (use Agilent 34398A cable)
Parallel Standard Port
Printer support
Printer Compatibility
HP DeskJet, LaserJet with HP PCL 3 or greater compatibility:
Black and white @150x150 dpi; Gray scale @ 600x600 dpi
Epson: black and white @180x180 dpi
Seiko thermal DPU-414: black and white
Optional GPIB Interface
Fully programmable with IEEE488.2 compliance
Module (N2757A)
Typical GPIB throughput of 20 measurements or twenty 2000-point records per second
Optional Printer Kit
The N2727A is a thermal printer kit, includingprinter power, parallel cable, power cable and paper
General Characteristics
Physical
Size: 32.26 cm wide x 17.27 cm high x 31.75 cm deep (without handle)
Weight: 6.35 kgs (14 lbs) on 54621A/D, 54622A/D, 54624A; 6.82 kgs (15 lbs) on 54641A/D, 54642A/D
Probe Comp Output
54621A/D, 54642A/D, 54624A: Frequency ~1.2 kHz; Amplitude ~5 V
54641A/D, 54642A/D: Frequency ~2 kHz; Amplitude ~5 V
Trigger Out
54621A/D, 54622A/D, 54624A: 0 to 5 V with 50
Ω source impedance; delay ~ 55 ns
54641A/D, 54642A/D: 0 to 5 V with 50
Ω source impedance; delay ~ 22 ns
Printer Power
7.2 to 9.2 V, 1 A
Kensington lock
Connection on rear panel for security
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn