Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54622A Datasheet(PDF) 17 Page - Agilent(Hewlett-Packard)

Part No. 54622A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54622A Datasheet(HTML) 17 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
Performance Characteristics (continued)
Trigger System (continued)
I2C
Trigger on I2C (Inter-IC bus) serial protocol at a start/stop condition or user defined frame with address and/or data
values. Also trigger on Missing Acknowledge, Restart, EEPROM read, and 10 bit write.
SPI
Trigger on SPI (Serial Protocol Interface) data pattern during a specific framing period. Support positive and negative Chip
Select framing as well as clock Idle framing and user specified number of bits per frame.
Duration
Trigger on a multi-channel pattern whose time duration is less than a value, greater than a value, greater than a time value
with a timeout value, or inside or outside of a set of time values.
Minimum duration setting: 5 ns
Maximum duration setting: 10 s
Autoscale
Finds and displays all active analog and digital (for 54621D/54622D/54641D/54642D) channels, sets edge trigger mode on
highest numbered channel, sets vertical sensitivity on analog channels and thresholds on digital channels, time base to
display ~1.8 periods. Requires minimum voltage >10 mVpp, 0.5% duty cycle and minimum frequency >50Hz.
Analog Channel Triggering
Range (internal)
±6 div from center screen
Sensitivity*
54621A/D, 54622A/D, 54624A: Greater of 0.35 div or 2.5 mV
54641A/D, 54642A/D:<10mV/div: greater of 1 div or 5mV;
≥10mV/div: 0.6 div
Coupling
AC (~3.5 Hz on 54621A/D, 54622A/D, 54624A.
~10 Hz on 54641A/D, 54642A/D), DC, noise reject, HF reject and LF reject (~ 50 kHz)
Digital (D15 - D0) Channel Triggering (54621D, 54622D, 54641D, and 54642D)
Threshold Range (used defined)
±8.0 V in 10 mV increments
Threshold Accuracy*
±(100 mV + 3% of threshold setting)
Predefined Thresholds
TTL = 1.4 V, CMOS = 2.5 V, ECL = -1.3 V
External (EXT) Triggering
Input Resistance
54621A/D, 54622A/D, 54624A: 1 M
Ω, ±3%
54641A/D, 54642A/D: 1 M
Ω ±3% or 50 Ω
Input Capacitance
54621A/D, 54622A/D, 54624A: ~ 14 pF
54641A/D, 54642A/D: ~13pF
Maximum Input
CAT I 300 Vrms, 400 Vpk, CAT II 100 Vrms, 400 Vpk
With 10073C/10074C 10:1 probe: CAT I 500 Vpk, CAT II 400 Vpk
5 Vrms with 50-ohm input
Range
54621A/D, 54622A/D, 54624A: ±10 V
54641A/D, 54642A/D: DC coupling: trigger level ± 8V; AC coup./LFR: AC input minus trig level not to exceed ±8V
Sensitivity
54621A/D, 54622A/D, 54624A: dc to 25 MHz, < 75 mV; 25 MHz to max bandwidth, < 150 mV
54641A/D, 54642A/D: dc to 100 MHz, < 100 mV; 100 MHz to max bandwidth, < 200 mV
Coupling
AC (~ 3.5 Hz), DC, noise reject, HF reject and LF reject (~ 50 kHz)
Probe ID (Agilent/HP and
Auto probe sense for 54621A/622A/641A/642A
Tek compatible)
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn