Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54622A Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part No. 54622A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54622A Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
Performance Characteristics (continued)
Horizontal (continued)
Digital Delta-t Accuracy
54621A/D, 54622A/D, 54624A:
(non-Vernier settings)
Same Channel: ±0.01% reading ±0.1% screen width ±(1 digital sample period, 2.5 or 5 ns
based on sample rate of 200/400 MSa/s)
Channel-to-Channel: ±0.01% reading ±0.1% screen width ±(1 digital sample period, 2.5 or 5 ns)
±chan-to-chan skew (2 ns typical, 3 ns maximum)
54641A/D, 54642A/D:
Same Channel: ±0.005% reading ±0.1% screen width ±(1 digital sample period, 1ns)
Channel-to-Channel: ±0.005% reading ±0.1% screen width ±(1 digital sample period) ±chan-to-chan skew
Same Channel Example (54641A/D, 54642A/D):
for signal with pulse width of 10 µs, scope set to 5 µs/div (50 µs screen width),
delta-t accuracy = ±{.005%(10 µs) + 0.1%(50 µs) + 1 ns} = 51.5 ns
Delay Jitter
<1 ppm
RMS Jitter
0.025% screen width + 30 ps
Modes
Main, Delayed, Roll, XY
XY
Bandwidth: Max bandwidth
Phase error @ 1 MHz: 1.8 degrees
Z Blanking: 1.4 V blanks trace (use external trigger) - 54621A/D, 54622A/D, 54624A only
Trigger System
Sources:
54621A/622A, 54641A/642A: Ch 1, 2, line, ext
54621D/622D, 54641D/642D: Ch 1, 2, line, ext, D15 - D0
54624A: Ch 1, 2, 3, 4, line, ext
Modes
Auto, Triggered (normal), SingleAuto level (54621A/D, 54622A/D, 54624A only)
Holdoff Time
~60 ns to 10 seconds
Selections
Edge, Pulse Width, Pattern, TV, Duration, Sequence, CAN, LIN, USB, I2C, SPI
Edge
Trigger on a rising or falling edge of any source
Pattern
Trigger on a pattern of high, low, and don’t care levels and/or a rising or falling edge established across any of the sources.
The analog channel’s high or low level is defined by that channel’s trigger level.
Pulse Width
Trigger when a positive- or negative-going pulse is less than, greater than, or within a specified range on any of
the source channels.
Minimum pulse width setting: 5ns (2 ns on 54641A/D, 54642A/D analog channels)
Maximum pulse width setting: 10 s
TV
Trigger on any analog channel for NTSC, PAL, PAL-M, or SECAM broadcast standards on either positive or negative
composite video signals. Modes supported include Field 1, Field 2, or both, all lines, or any line within a field. Also supports
triggering on non-interlaced fields. TV trigger sensitivity: 0.5 division of synch signal.
Sequence
Arm on event A, trigger on event B, with option to reset on event C or time delay.
CAN
Trigger on CAN (Controller Area Network) version 2.0A and 2.0B signals. It can trigger on the Start of Frame bit of a data
frame, a remote transfer request frame, or an overload frame.
LIN
Trigger on LIN (Local Interconnect Networking) sync break at beginning of message frame.
USB
Trigger on USB (Universal Serial Bus) Start of Packet, End of Packet, Reset Complete, Enter Suspend, or Exit Suspend on
the differential USB data lines. USB low speed and full speed are supported.
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn