Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54622A Datasheet(PDF) 14 Page - Agilent(Hewlett-Packard)

Part No. 54622A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54622A Datasheet(HTML) 14 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
Performance Characteristics (continued)
Vertical System: Analog Channels (continued)
Range1,2
54621A/D, 54622A/D, 54624A: 1 mV/div to 5 V/div
54641A/D, 54642A/D: 2 mV/div to 5 V/div
Maximum Input
CAT I 300 Vrms, 400 Vpk, CAT II 100 Vrms, 400 Vpk
With 10073C/10074C 10:1 probe: CAT I 500 Vpk, CAT II 400 Vpk
5 Vrms with 50
Ω input
Offset Range
54621A/D, 54622A/D, 54624A:
±5 V on ranges <10 mV/div; ±25 V on ranges 10 mV/div to 199 mV/div; ±100 V on ranges
≥200 mV/div
54641A/D, 54642A/D:
±5 V on ranges <10 mV/div; ±20 V on ranges 10 mV/div to 200 mV/div; ±75 V on ranges >200 mV/div
Dynamic Range
Lesser of ±8 div or ±32 V from center screen
Input Resistance
54621A/D, 54622A/D, 54624A: 1 M
Ω ±1%
54641A/D, 54642A/D: 1 M
Ω ±1%, 50 Ω selectable
Input Capacitance
54621A/D, 54622A/D, 54624A: ~ 14 pF
54641A/D, 54642A/D: ~ 13 pF
Coupling
54621A/D, 54622A/D, 54624A: ac, dc, ground
54641A/D, 54642A/D: ac, dc
BW Limit
54621A/D, 54622A/D, 54624A: ~ 20 MHz selectable
54641A/D, 54642A/D: ~ 25 MHz selectable
Channel-to-Channel Isolation
54621A/D, 54622A/D, 54624A: dc to 20 MHz > 40 dB; 20 MHz to max bandwidth > 30 dB
(with channels at same V/div)
54641A/D, 54642A/D:DC to max bandwidth >40 dB
Probes
54621A/D, 54622A/D, 54624A: 10:1 10074C shipped standard for each analog channel
54641A/D, 54642A/D: 10:1 10073C shipped standard for each analog channel
Probe ID (Agilent/HP and
Auto probe sense
Tek compatible)
ESD Tolerance
±2 kV
Noise Peak-to-Peak
54621A/D, 54622A/D, 54624A: 2% full scale or 1 mV, whichever is greater
54641A/D, 54642A/D: 3% full scale or 3 mV, whichever is greater
Common Mode Rejection Ratio
20 dB @ 50 MHz
DC Vertical Gain Accuracy*1,2
±2.0% full scale
DC Vertical Offset Accuracy
54621A/D, 54622A/D, 54624A:
<200 mV/div: ±0.1 div ±1.0 mV ±0.5% offset value;
≥200 mV/div: ±0.1 div ±1.0 mV ±1.5% offset value
54641A/D, 54642A/D:
≤200 mV/div: ±0.1 div ±2.0 mV ±0.5% offset value; >200 mV/div: ±0.1 div ±2.0 mV ±1.5% offset value
Single Cursor Accuracy1,2
±{DC Vertical Gain Accuracy + DC Vertical Offset Accuracy + 0.2% full scale (~1/2 LSB) }
54621A/D, 54622A/D, 54624A example: for 50 mV signal, scope set to 10 mV/div (80 mV full scale), 5 mV offset,
accuracy = ±{2.0%(80mV) + 0.1 (10 mV) + 1.0 mV + 0.5% (5 mV) + 0.2%(80 mV)} = ± 3.78 mV
Dual Cursor Accuracy*1,2
±{DC Vertical Gain Accuracy + 0.4% full scale (~1 LSB)}
Example: for 50 mV signal, scope set to 10 mV/div (80 mV full scale), 5 mV offset,
accuracy = ±{2.0%(80 mV) + 0.4%(80 mV)} = ±1.92 mV
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.
1
For 54621A, 54621D, 54622A, 54622D, and 54624A, 1 mV/div is a magnification of 2 mV/div setting. For vertical accuracy calculations, use full scale of 16 mV for
1 mV/div sensitivity setting.
2
For 54641A, 54641D, 54642A, and 54642D, 2 mV/div is a magnification of 4 mV/div setting. For vertical accuracy calculations, use full scale of 32 mV for 2 mV/div sensitivity setting.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn