Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54622A Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part No. 54622A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54622A Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Probes
To get the most out of your scope,
you need the right probes and
accessories for your particular
application. That's why Agilent
Technologies offers a complete
family of innovative probes and
54600-Series scopes. For more
comprehensive information,
please see the Agilent
54600-Series Oscilloscopes
Probes and Accessories
data sheet (Agilent publication
number 5968-8153). You can get a
copy by visiting our website at:
www.agilent.com/find/mso
Agilent Passive Probes Selection Guide
10070C
10073C (shipped
10074C (shipped
10076A
N2771A
with 54640-Series)
with 54620-Series)
high-voltage probe
high-voltage probe
Probe Bandwidth
20 MHz
500 MHz
150 MHz
250 MHz
50 MHz
Probe Risetime (Calculated)
< 17.5 ns
< 700 ps
< 2.33 ns
< 1.4 ns
< 7 ns
Attenuation Ratio
1:1
10:1
10:1
100:1
1000:1
Input Resistance
1 M
2.2 M
10 M
66.7 M
100 M
(when terminated into 1 M
Ω)
Input Capacitance
Approx. 70 pF
Approx. 12 pF
Approx. 15 pF
Approx. 3 pF
Approx. 1 pF
Maximum Input
400 Vpk CAT I
500 Vpk CAT I
500 Vpk CAT I
4000 Vpk
15 kV dc, 10 kVrms
(dc + peak ac)
(mains isolated)
(mains isolated)
(mains isolated)
30 kV dc + peak ac
400 Vpk CAT II
400 Vpk CAT II
400 Vpk CAT II
(post receptacle
(post receptacle
(post receptacle
mains)
mains)
mains)
Compensation Range
None
6 - 15 pF
9 - 17 pF
6 - 20 pF
7 - 25 pF
Probe Sense
No
Yes
Yes
Yes
No
Current Probes
Description
1146A
100 kHz current probe, ac/dc
N2774A
50 MHz current probe, ac/dc
N2775A
power supply for N2774A
Differential Probes
Description
N2772A
20 MHz differential probe
N2773A
Differential probe power supply


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn