Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54621D Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # 54621D
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54621D Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button 54621D Datasheet HTML 11Page - Agilent(Hewlett-Packard) 54621D Datasheet HTML 12Page - Agilent(Hewlett-Packard) 54621D Datasheet HTML 13Page - Agilent(Hewlett-Packard) 54621D Datasheet HTML 14Page - Agilent(Hewlett-Packard) 54621D Datasheet HTML 15Page - Agilent(Hewlett-Packard) 54621D Datasheet HTML 16Page - Agilent(Hewlett-Packard) 54621D Datasheet HTML 17Page - Agilent(Hewlett-Packard) 54621D Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54621D Datasheet HTML 19Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
Performance Characteristics (continued)
Vertical System: Digital Channels (54621D, 54622D, 54641D, and 54642D only)
Number of Channels
16 Digital – labeled D15 - D0
Threshold Groupings
Pod 1: D7 - D0
Pod 2: D15 - D8
Threshold Selections
TTL, CMOS, ECL, user-definable (selectable by pod)
User-Defined Threshold Range
±8.0 V in 10 mV increments
Maximum Input Voltage
±40 V peak CAT I
Threshold Accuracy*
±(100 mV + 3% of threshold setting)
Input Dynamic Range
±10 V about threshold
Minimum Input Voltage Swing
500 mV peak-to-peak
Input Capacitance
~ 8 pF
Input Resistance
100 k
Ω ±2% at probe tip
Channel-to-Channel Skew
2 ns typical, 3 ns maximum
Horizontal
Range
54621A/D, 54622A/D, 54624A: 5 ns/div to 50 s/div
54641A/D, 54642A/D: 1 ns/div to 50 s/div
Resolution
54621A/D, 54622A/D, 54624A: 25 ps
54641A/D, 54642A/D: 2.5 ps
Vernier
1-2-5 increments when off, ~25 minor increments between major settings when on
Reference Positions
Left, Center, Right
Delay Range
54621A/D, 54622A/D, 54624A:
Pre-trigger (negative delay): Greater of 1 screen width or 10 ms
Post-trigger (positive delay): 500 seconds
54641A/D, 54642A/D:
Pre-trigger (negative delay): Greater of 1 screen width or 1 ms
Post-trigger (positive delay): 500 seconds
Analog Delta-t Accuracy
54621A/D, 54622A/D, 54624A:
Same Channel*: ±0.01% reading ±0.1% screen width ±40 ps
Channel-to-Channel: ±0.01% reading ±0.1% screen width ±80 ps
54641A/D, 54642A/D:
Same Channel*: ±0.005% reading ±0.1% screen width ±20 ps
Channel-to-Channel: ±0.005% reading ±0.1% screen width ±40 ps
Same Channel Example (54641A/D, 54642A/D):
for signal with pulse width of 10 µs, scope set to 5 µs/div (50 µs screen width),
delta-t accuracy = ±{.005%(10 µs) + 0.1%(50 µs) + 20 ps} = 50.52 ns
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.


Similar Part No. - 54621D

ManufacturerPart #DatasheetDescription
logo
Heyco.
5462 HEYCO-5462 Datasheet
380Kb / 2P
   Full Thickness Male Blades
logo
Keysight Technologies
54620-68701 KEYSIGHT-54620-68701 Datasheet
4Mb / 17P
   Low-Profile Oscilloscopes
logo
Festo Corporation.
546256 FESTO-546256 Datasheet
101Kb / 2P
   Air solenoid valve
546257 FESTO-546257 Datasheet
99Kb / 2P
   Air solenoid valve
546258 FESTO-546258 Datasheet
98Kb / 2P
   Air solenoid valve
More results

Similar Description - 54621D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
E2666B KEYSIGHT-E2666B Datasheet
2Mb / 26P
   X-Series Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com