Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54621A Datasheet(PDF) 23 Page - Agilent(Hewlett-Packard)

Part No. 54621A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54621A Datasheet(HTML) 23 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
Ordering Information (continued)
Fine Pitch Probing
Description
10072A
Fine-pitch probe kit
10075A
0.5 mm, IC clip kit
E2613B
0.5mm, Wedge probe adapter, 3-signal, qty 2
E2614A
0.5 mm, Wedge probe adapter, 8-signal, qty 1
E2643A
0.5 mm, Wedge probe adapter 16-signal, qty 1
E2615B
0.65mm, Wedge probe adapter, 3-signal, qty 2
E2616A
0.65 mm, Wedge probe adapter, 8-signal, qty 1
.
E2644A
0.65 mm, Wedge probe adapter, 16-signal, qty 1
Current Probes
Description
1146A
100 kHz current probe, ac/dc
.
N2774A
50 MHz current probe, ac/dc
N2775A
Power supply for N2774A
High Voltage Probes Description
10076A
100:1, 4 kV 250 MHz probe with ID
N2771A
1000:1, 15 kV, 50 MHz high voltage probe.
Logic Probes
Description
10085-68701
16:16 logic cable and terminator (for use with
54621D/622D/641D/642D)
54620-68701
16:2 x 8 logic input probe assembly (shipped standard
with 54621D/622D/641D/642D)
Active probes
Description
1144A
800 MHz active probe
1145A
2-channel 750MHz active probe
1142A
power supply for 1144A and 1145A
Differential Probes
Description
N2772A
20 MHz differential probe
N2773A
Differential probe power supply
Cables
Description
10833A
GPIB cable, 1m long
34398A
RS-232 cable (standard with 100 MHz, 350 MHz,
and 500 MHz scopes)
Call the measurement experts at
Agilent Technologies
Whether your work is mostly digital, mostly
analog, or somewhere in the middle, our
measurement specialists can help you
select the best debugging solution. Call
today to talk to a knowledgeable engineer
about your particular application.
See for yourself with a no-obligation, 2-
week demo
If you'd like to see for yourself how an
Agilent 54600-Series scope can help
you solve your mixed analog and
digital design problems, just give us a call.
We'll arrange for you to use a 54620-Series
scope in your lab for two weeks with no
obligation to buy. Call 1-800-452-4844 and
ask for Direct Demo or visit our website:
www.agilent.com/find/MSO.
Money-back guarantee
Get a full refund if you’re not satisfied with
your purchase for any reason within 60
days in the USA or 90 days outside of the
USA.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn