Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54621A Datasheet(PDF) 20 Page - Agilent(Hewlett-Packard)

Part No. 54621A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54621A Datasheet(HTML) 20 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
Performance Characteristics (continued)
Power Requirements
Line Voltage Range
54621A/D, 54622A/D, 54624A: 100 - 240 VAC ±10%, CAT II, automatic selection
54641A/D, 54642A/D: 100-240 VAC, 50/60 Hz, CAT II, automatic selection; 100-132 VAC, 440 Hz, CAT II,
automatic selection
Line Frequency
54621A/D, 54622A/D, 54624A: 47 to 440 Hz
54641A/D, 54642A/D: 50/60 Hz, 100-240 VAC; 440 Hz, 100-132 VAC
Power Usage
54621A/D, 54622A/D, 54624A: 100 W max
54641A/D, 54642A/D: 110 W max
Environmental Characteristics
Ambient Temperature
Operating -10 °C to +55 °C; Non-operating -51 °C to +71 °C
Humidity
Operating 95% RH at 40 °C for 24 hr; Non-operating 90% RH at 65 °C for 24 hr
Altitude
Operating to 4,570 m (15,000 ft); Non-operating to 15,244 m (50,000 ft)
Vibration
HP/Agilent class B1 and MIL-PRF-28800F; Class 3 random
Shock
HP/Agilent class B1 and MIL-PRF-28800F; (operating 30 g, 1/2 sine, 11-ms duration, 3 shocks/axis along major axis.
Total of 18 shocks)
Pollution Degree2
Normally only dry non-conductive pollution occurs.
Occasionally a temporary conductivity caused by condensation must be expected.
Indoor Use Only
This instrument is rated for indoor use only
Other
Installation Categories
CAT I:Mains isolated
CAT II:Line voltage in appliance and to wall outlet
Regulatory Information:
Safety
IEC 61010-1:1990+A1:1992+A2:1995 / EN 61010-1:1994+A2:1995
UL 3111
CSA-C22.2 No. 1010.1:1992
Supplementary Information
The product herewith complies with the requirements of the Low Voltage Directive 73/23/EEC and the EMC Directive
89/336/EEC, and carries the CE-marking accordingly. The product was tested in a typical configuration with
HP/Agilent test systems.
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn