Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54621A Datasheet(PDF) 18 Page - Agilent(Hewlett-Packard)

Part No. 54621A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54621A Datasheet(HTML) 18 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Performance Characteristics (continued)
Display System
Display
7-inch raster monochrome CRT
Throughput of Analog Channels
25 million vectors/sec per channel with 32 levels of intensity
Resolution
255 vertical by 1000 horizontal points (waveform area) 32 levels of gray scale
Controls
Waveform intensity on front panel. Vectors on/off; infinite persistence on/off 8 x 10 grid with continuous intensity control
Built-in Help System
Key-specific help in 11 languages displayed by pressing and holding key or softkey of interest
Real Time Clock
Time and date (user setable)
Measurement Features
Automatic Measurements
Measurements are continuously updated. Cursors track current measurement
Voltage (analog channels only)
Peak-to-Peak, Maximum, Minimum, Average, Amplitude, Top, Base, Overshoot, Preshoot, RMS (DC)
Time
Frequency, Period, + Width, - Width and Duty Cycle on any channels
Rise time, Fall time, X at Max (Time at max volts), X at Min (Time at min volts), Delay, and Phase on analog channels only.
Counter
Built-in 5 digit frequency counter on any channel. Counts up to 125 MHz
Threshold Definition
Variable by percent and absolute value; 10%, 50%, 90% default for time measurements
Cursors
Manually or automatically placed readout of Horizontal (X,
∆X, 1/∆X) and Vertical (Y, ∆Y)
Additionally digital or analog channels can be displayed as binary or hex values
Waveform Math
One function of 1-2, 1*2, FFT, differentiate, integrate.
Source of FFT, differentiate, integrate: analog channels 1 or 2 (or 3 or 4 for 54624A), 1-2, 1+2, 1*2
FFT
Points
Fixed at 2048 points
Source of FFT
Analog channels 1 or 2 (or 3 or 4 on 54624A only), 1+2, 1-2, 1*2
Window
Rectangular, Flattop, Hanning
Noise Floor
-70 to -100 dB depending on averaging
Amplitude Display
In dBV, dBm@50
Frequency Resolution
0.097656/(time per div.)
Maximum Frequency
102.4/(time per div.)
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn