Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54621A Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part No. 54621A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54621A Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
Performance Characteristics (continued)
Vertical System: Digital Channels (54621D, 54622D, 54641D, and 54642D only)
Number of Channels
16 Digital – labeled D15 - D0
Threshold Groupings
Pod 1: D7 - D0
Pod 2: D15 - D8
Threshold Selections
TTL, CMOS, ECL, user-definable (selectable by pod)
User-Defined Threshold Range
±8.0 V in 10 mV increments
Maximum Input Voltage
±40 V peak CAT I
Threshold Accuracy*
±(100 mV + 3% of threshold setting)
Input Dynamic Range
±10 V about threshold
Minimum Input Voltage Swing
500 mV peak-to-peak
Input Capacitance
~ 8 pF
Input Resistance
100 k
Ω ±2% at probe tip
Channel-to-Channel Skew
2 ns typical, 3 ns maximum
Horizontal
Range
54621A/D, 54622A/D, 54624A: 5 ns/div to 50 s/div
54641A/D, 54642A/D: 1 ns/div to 50 s/div
Resolution
54621A/D, 54622A/D, 54624A: 25 ps
54641A/D, 54642A/D: 2.5 ps
Vernier
1-2-5 increments when off, ~25 minor increments between major settings when on
Reference Positions
Left, Center, Right
Delay Range
54621A/D, 54622A/D, 54624A:
Pre-trigger (negative delay): Greater of 1 screen width or 10 ms
Post-trigger (positive delay): 500 seconds
54641A/D, 54642A/D:
Pre-trigger (negative delay): Greater of 1 screen width or 1 ms
Post-trigger (positive delay): 500 seconds
Analog Delta-t Accuracy
54621A/D, 54622A/D, 54624A:
Same Channel*: ±0.01% reading ±0.1% screen width ±40 ps
Channel-to-Channel: ±0.01% reading ±0.1% screen width ±80 ps
54641A/D, 54642A/D:
Same Channel*: ±0.005% reading ±0.1% screen width ±20 ps
Channel-to-Channel: ±0.005% reading ±0.1% screen width ±40 ps
Same Channel Example (54641A/D, 54642A/D):
for signal with pulse width of 10 µs, scope set to 5 µs/div (50 µs screen width),
delta-t accuracy = ±{.005%(10 µs) + 0.1%(50 µs) + 20 ps} = 50.52 ns
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn