Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54621A Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part No. 54621A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54621A Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Performance Characteristics
Acquisition: Analog Channels
Max Sample Rate
54621A/D, 54622A/D, 54624A: 200 MSa/s
54641A/D, 54642A/D: 2 GSa/sec interleaved, 1 GSa/sec each channel
Max Memory Depth
54621A/D, 54622A/D, 54624A: 4 MB interleaved, 2 MB each channel
54641A/D, 54642A/D: 8 MB interleaved, 4 MB each channel
Vertical Resolution
8 bits
Peak Detection
54621A/D, 54622A/D, 54624A: 5 ns
54641A/D, 54642A/D: 1 ns @ max sample rate
Averaging
Selectable from 2, 4, 8, 16, 32, 64 … to 16383
High Resolution Mode
54621A/D, 54622A/D, 54624A: 12 bits of resolution when
≥500 µs/div, (average mode with ave = 1)
54641A/D, 54642A/D: 12 bits of resolution when
≥100 µs/div, (average mode with ave = 1)
Filter
Sinx/x interpolation (single shot BW = sample rate/4 or bandwidth of scope, whichever is less) with vectors on.
Acquisition: Digital Channels (54621D, 54622D, 54641D, and 54642D only)
Max Sample Rate
54621D, 54622D: 400 MSa/s interleaved, 200 MSa/s each channel
54641D, 54642D: 1 GSa/s
Max Memory Depth
54621D, 54622D: 8 Mb interleaved, 4 Mb ea. channel
54641D, 54642D: 4 Mb
Vertical Resolution
1 bit
Glitch Detection
5 ns
(min pulse width)
Vertical System: Analog Channels
Analog Channels
54621A/D, 54622A/D, 54641A/D, 54642A/D: Ch 1 and 2 simultaneous acquisition
54624A: Ch 1, 2, 3 and 4 simultaneous acquisition
Bandwidth (-3dB)*
54621A/D: dc to 60 MHz
54622A/D, 54624A: dc to 100 MHz
54641A/D: dc to 350 MHz
54642A/D: dc to 500 MHz
ac Coupled
54621A/D: 3.5 Hz to 60 MHz
54622A/D: 54624A: 3.5 Hz to 100 MHz
54641A/D: 3.5 Hz to 350 MHz
54642A/D: 3.5 Hz to 500 MHz
Calculated Risetime
54621A/D: ~5.8 ns
(=0.35/bandwidth)
54622A/D, 54624A: ~3.5 ns
54641A/D: ~1.0 ns
54642A/D: ~700 ps
Single Shot Bandwidth
54621A/D, 54622A/D, 54624A: 50 MHz
54641A/D: 350 MHz maximum
54642A/D: 500 MHz maximum
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn