Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54621A Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part No. 54621A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54621A Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
N2758A CAN Trigger Module
• Trigger on CAN 2.0A/B message
frames with user specified IDs
and/or data
• Trigger on Error frames
• Differential CAN
• Acknowledge On/Off
• Built In QuickHelp
• Remote Control via GPIB/RS232
• Compatible with 54621D, 54622D,
54641D, 54642D
The N2758A CAN trigger module
extends your Mixed Signal
Oscilloscope’s (MSO) capabilities
beyond the standard CAN SOF
trigger. The module enables the
MSO to isolate and trigger on a
particular frame’s content. This
triggering allows you to:
• sort through frame traffic on
the bus
• isolate frames of interest
• specify particular frame
characteristics
• trigger and measure latency
between CAN frames meeting
the user specification
The CAN trigger module is ideal
for analyzing all traffic on the
broadcast network. Quickly find
frames that meet the specifica-
tions you select with an isolating
capability similar to pattern
triggering across multiple
channels in the parallel domain.
Synchronize to the particular
frame then examine the system
behavior of interest.
For more comprehensive
information, please see the
Agilent 54600-Series
Oscilloscopes Probes and
Accessories data sheet (Agilent
publication number 5968-8153).
You can get a copy by visiting
our website at:
www.agilent.com/find/mso
The N2758A kit includes the CAN trigger module, digital cable, ten grabbers, and
two probe ground leads.
The N2758A CAN trigger module reduces the time required to
debug your mixed signal CAN based designs.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn