Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54621A Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part No. 54621A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

54621A Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Deep memory transfer over
the bus
Transfer all of your data over the
bus, even when using deep
memory. Typical transfer time
is <70 seconds for 2 MB of data
over GPIB.
The 54640-Series requires soft-
ware revision 1.0 or later. The
54620-Series requires software
revision 1.5 or later. The system
software is stored in FLASH ROM
that can be upgraded easily from
a built-in floppy disk drive in the
scope. Visit the 54620-Series
customer web site at:
www.agilent.com/find/5462xsw
for a free copy of the system
software and the IntuiLink Data
Capture application to pull the
data out of the scope to the PC.
Other standard features
• Waveform math with FFTs:
Analysis functions include -, *,
Integrate, and Differentiate,
as well as Fast Fourier
Transforms.
• 1-ns peak detect on the
54640-Series and 5-ns peak
detect on the 54620-Series
means you won’t have to worry
about missing narrow glitches.
• Autoscale lets you quickly dis-
play any active signals, auto-
matically setting the vertical,
horizontal and trigger controls
for the best display.
• Printer connectivity is easy
for HP Deskjets, Laserjets,
Epson, or integrated thermal
printer option with the stan-
dard parallel port on the rear
panel.
• High resolution mode offers
up to 12 bits of resolution in
real-time (single-shot) modes,
reducing noise. This is accom-
plished by averaging sequential
data points and mapping the
average to the display when at
slow sweep speeds.
• 1-year warranty: All
54600-Series scopes include a
full 1-year warranty with
optional 3-year and 5-year
warranty coverage.
• Money-back guarantee: Get a
full refund if you’re not satis-
fied with your purchase for
any reason. See page 24 for
more information.
Affordable and Responsive (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
54831Infiniium 54830 Series Oscilloscopes 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS5000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn