Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54600 Datasheet(PDF) 19 Page - Agilent(Hewlett-Packard)

Part # 54600
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54600 Datasheet(HTML) 19 Page - Agilent(Hewlett-Packard)

Back Button 54600 Datasheet HTML 15Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 16Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 17Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 18Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 19Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 20Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 21Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 22Page - Agilent(Hewlett-Packard) 54600 Datasheet HTML 23Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
Performance Characteristics (continued)
Storage
Save/Recall (non-volatile)
54621A/D, 54622A/D, 54624A: 3 setups and traces can be saved and recalled internally
54641A/D, 54642A/D: 4 setups and traces can be saved and recalled internally
Floppy Disk
3.5” 1.44 MB double density
Image formats : TIF, BMP
Data formats: X and Y (time/voltage) values in CSV format
Trace/setup formats: Recalled
I/O
RS-232 (Serial) Standard Port
1 port: XON or DTR; 8 data bits; 1 stop bit; parity = none; 9600, 19200, 38400, 57600 baud rates (use Agilent 34398A cable)
Parallel Standard Port
Printer support
Printer Compatibility
HP DeskJet, LaserJet with HP PCL 3 or greater compatibility:
Black and white @150x150 dpi; Gray scale @ 600x600 dpi
Epson: black and white @180x180 dpi
Seiko thermal DPU-414: black and white
Optional GPIB Interface
Fully programmable with IEEE488.2 compliance
Module (N2757A)
Typical GPIB throughput of 20 measurements or twenty 2000-point records per second
Optional Printer Kit
The N2727A is a thermal printer kit, includingprinter power, parallel cable, power cable and paper
General Characteristics
Physical
Size: 32.26 cm wide x 17.27 cm high x 31.75 cm deep (without handle)
Weight: 6.35 kgs (14 lbs) on 54621A/D, 54622A/D, 54624A; 6.82 kgs (15 lbs) on 54641A/D, 54642A/D
Probe Comp Output
54621A/D, 54642A/D, 54624A: Frequency ~1.2 kHz; Amplitude ~5 V
54641A/D, 54642A/D: Frequency ~2 kHz; Amplitude ~5 V
Trigger Out
54621A/D, 54622A/D, 54624A: 0 to 5 V with 50
Ω source impedance; delay ~ 55 ns
54641A/D, 54642A/D: 0 to 5 V with 50
Ω source impedance; delay ~ 22 ns
Printer Power
7.2 to 9.2 V, 1 A
Kensington lock
Connection on rear panel for security
* Denotes Warranted Specifications, all others are typical. Specifications are valid after a 30-minute warm-up period and ±10 °C from firmware calibration temperature.


Similar Part No. - 54600

ManufacturerPart #DatasheetDescription
logo
Heyco.
5460 HEYCO-5460 Datasheet
380Kb / 2P
   Full Thickness Male Blades
logo
FCI connector
54602-908LF FCI-CONNECTOR-54602-908LF Datasheet
146Kb / 1P
   8 POL SHALLOW LATCH CONNECTOR
logo
Cirrus Logic
5460A CIRRUS-5460A Datasheet
775Kb / 54P
   Single Phase, Bi-directional Power/Energy IC
More results

Similar Description - 54600

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
E2666B KEYSIGHT-E2666B Datasheet
2Mb / 26P
   X-Series Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com