Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1404D Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RF1404D
Description  433.92 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF1404D Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RF1404D Datasheet HTML 1Page - RF Monolithics, Inc RF1404D Datasheet HTML 2Page - RF Monolithics, Inc RF1404D Datasheet HTML 3Page - RF Monolithics, Inc RF1404D Datasheet HTML 4Page - RF Monolithics, Inc RF1404D Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF1404D-113004
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at 25°C
Absolute Frequency
fc
1, 2, 3
433.92
MHz
Insertion Loss (433.760 - 434.080)
ILMIN
1, 3
1.6
2.5
dB
3 dB Bandwidth
BW3
1, 3
500
600
800
kHz
Rejection Attenuation: (relative to ILmin)
10 - 414 MHz
1, 3
50
55
dB
414 - 424 MHz
45
50
424 - 431 MHz
30
34
431 - 432 MHz
18
22
432 - 433 MHz
12
17
434.92 - 442 MHz
11
14
442 - 550 MHz
35
38
550 - 1000 MHz
50
55
Temperature
Freq. Temp. Coefficient
FTC
0.032
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
5
≤10
ppm/yr
Impedance @ fc
Input ZIN = RINllCIN
ZIN
1
2853
Ω // 1.66pf
Output ZOUT = ROUTllCOUT
ZOUT
2411
Ω // 1.73pf
Lid Symbolization (Y=year WW=week S=shift)
539 // YWWS
Standard Reel Quantity
Reel Size 7 Inch
9
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Ideal Front-End Filter for European Wireless Receivers
Low-Loss, Coupled-Resonator Quartz Design
Simple External Impedance Matching
Complies with Directive 2002/95/EC (RoHS)10
The RF1404D is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to pro-
vide front-end selectivity in 433.92 MHz receivers. Receiver designs using this filter include superhet with
10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wire-
less remote-control and security devices operating in Europe under ETSI I-ETS 300 220.
This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically greater
than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz IF. RFM’s ad-
vanced SAW design and fabrication technology is utilized to achieve high performance and very low loss with
simple external impedance matching.
433.92 MHz
SAW Filter
RF1404D
SM3838-8 Case
3.8 x 3.8
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with VSWR ≤ 1.2:1.
The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, fc. Note that insertion loss and bandwidth and passband shape are
dependent on the impedance matching component values and quality.
2.
The frequency fc is defined as the midpoint between the 3dB frequencies.
3.
Where noted specifications apply over the entire specified operating temperature range of -40°C to +90°C.
4.
The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may be calculated
from: f= fo [1- FTC (To - Tc)
2].
5.
Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures above +65°C. Typ-
ically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6.
The design, manufacturing process, and specifications of this device are subject to change.
7.
One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
9.
Tape and Reel Standard Per ANSI / EIA 481.
10.
This product complies with Directive 2002/95/EC of the European Parlament and of the Council of 27 January 2003 on the restriction of the use of certain hazadous
substances in electrical and electronic equipment.
Pb


Similar Part No. - RF1404D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1404C RFM-RF1404C Datasheet
127Kb / 3P
   433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1404C MURATA-RF1404C Datasheet
121Kb / 3P
   433.92 MHz SAW Filter
More results

Similar Description - RF1404D

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3732 EPCOS-B3732 Datasheet
79Kb / 9P
   SAW filter 433.92 MHz
logo
RF Monolithics, Inc
RF3404E RFM-RF3404E Datasheet
122Kb / 4P
   433.92 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5507 VANLONG-SF5507 Datasheet
130Kb / 2P
   433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2492A TAI-SAW-TA2492A Datasheet
887Kb / 7P
   SAW Filter 433.92 MHz
logo
Murata Manufacturing Co...
RF3446E MURATA-RF3446E Datasheet
81Kb / 3P
   433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF1404C RFM-RF1404C Datasheet
127Kb / 3P
   433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0944A TAI-SAW-TA0944A Datasheet
447Kb / 7P
   SAW Filter 433.92 MHz
logo
Murata Manufacturing Co...
RF1404C MURATA-RF1404C Datasheet
121Kb / 3P
   433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3701E RFM-RF3701E Datasheet
459Kb / 2P
   433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
   433.92 MHz SAW Filter
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
   433.92 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com