Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1703G Datasheet(PDF) 1 Page - NEC

Part # UPA1703G
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1703G Datasheet(HTML) 1 Page - NEC

  UPA1703G Datasheet HTML 1Page - NEC UPA1703G Datasheet HTML 2Page - NEC UPA1703G Datasheet HTML 3Page - NEC UPA1703G Datasheet HTML 4Page - NEC UPA1703G Datasheet HTML 5Page - NEC UPA1703G Datasheet HTML 6Page - NEC UPA1703G Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOS FIELD EFFECT POWER TRANSISTORS
µµµµPA1703
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
1996
©
Document No. D11494EJ1V0DS00 (1st edition)
Date Published December 1996 N
Printed in Japan
DATA SHEET
DESCRIPTION
This product is N-Channel MOS Field Effect Transis-
tor designed for power management applications of
notebook computers.
FEATURES
• Super Low On-Resistance
RDS(on)1 = 10.5 m
Ω MAX. (VGS = 10 V, ID = 5.0 A)
RDS(on)2 = 17 m
MAX. (VGS = 4 V, ID = 5.0 A)
• Low Ciss
Ciss = 2180 pF TYP.
• Built-in G-S Protection Diode
• Small and Surface Mount Package
(Power SOP8)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C, all terminals are connected)
Drain to Source Voltage
VDSS
30
V
Gate to Source Voltage
VGSS
±20
V
Drain Current (DC)
ID(DC)
±10
A
Drain Current (pulse)
Notes1
ID(pulse)
±40
A
Total Power Dissipation (TA = 25
°C)Notes2
PT
2.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to
+150
°C
Notes 1.
PW
≤ 10
µs, Duty Cycle ≤ 1 %
2.
Mounted on ceramic substrate of 1200 mm
2
× 0.7 mm
The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device acutally used, an addtional protection circuit is externally required if voltage exceeding the rated
voltage may be applied to this device.
PACKAGE DIMENSIONS
(in millimeter)
1.27
0.12 M
6.0 ±0.3
4.4
0.40
+0.10
–0.05
0.78 MAX.
0.8
0.5 ±0.2
5.37 MAX.
0.10
14
85
1, 2, 3
4
5, 6, 7, 8
; Source
; Gate
; Drain
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain


Similar Part No. - UPA1703G

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1703 NEC-UPA1703 Datasheet
62Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Renesas Technology Corp
UPA1703 RENESAS-UPA1703 Datasheet
231Kb / 10P
   MOS FIELD EFFECT POWER TRANSISTORS
1996
More results

Similar Description - UPA1703G

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com