Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5430DDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5430DDA
Description  5.5-V to 36-V, 3-A STEP-DOWN SWIFT CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5430DDA Datasheet(HTML) 1 Page - Texas Instruments

  TPS5430DDA Datasheet HTML 1Page - Texas Instruments TPS5430DDA Datasheet HTML 2Page - Texas Instruments TPS5430DDA Datasheet HTML 3Page - Texas Instruments TPS5430DDA Datasheet HTML 4Page - Texas Instruments TPS5430DDA Datasheet HTML 5Page - Texas Instruments TPS5430DDA Datasheet HTML 6Page - Texas Instruments TPS5430DDA Datasheet HTML 7Page - Texas Instruments TPS5430DDA Datasheet HTML 8Page - Texas Instruments TPS5430DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
SIMPLIFIED SCHEMATIC
VIN
NC
NC
ENA
GND
VSENSE
BOOT
PH
TPS5430
VIN
VOUT
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
3.5
I
O −
Output Current − A
V = 12 V,
V
= 5 V,
fs = 500 kHz
I
0
Efficiency vs Output Current
TPS5430
SLVS632 – JANUARY 2006
5.5-V to 36-V, 3-A STEP-DOWN SWIFT™ CONVERTER
Consumer: Set-top Box, DVD, LCD Displays
Wide Input Voltage Range: 5.5 V to 36 V
Industrial and Car Audio Power Supplies
Up to 3-A Continuous (4-A Peak) Output
Battery Chargers, High Power LED Supply
Current
12V/24V Distributed Power Systems
High Efficiency up to 95% Enabled by 110-m
Integrated MOSFET Switch
Wide Output Voltage Range: Adjustable Down
to 1.22 V with 1.5% Initial Accuracy
As a member of the SWIFT™ family of DC/DC
regulators, the TPS5430 is a high-output-current
Internal Compensation Minimizes External
PWM converter that integrates a low resistance high
Parts Count
side N-channel MOSFET. Included on the substrate
Fixed 500 kHz Switching Frequency for Small
with the listed features are a high performance
Filter Size
voltage error amplifier that provides tight voltage
regulation accuracy under transient conditions; an
Improved Line Regulation and Transient
under-voltage-lockout circuit to prevent start-up until
Response by Input Voltage Feed Forward
the input voltage reaches 5.5V; an internally set
System Protected by Over Current Limiting
slow-start circuit to limit inrush currents; and a voltage
and Thermal Shutdown
feed-forward
circuit
to
improve
the
transient
–40
°C to 125°C Operating Junction
response. Other features include an active high
Temperature Range
enable,
over
current
protection
and
thermal
shutdown. To reduce design complexity and external
Available in Small Thermally Enhanced 8-Pin
component count, the TPS5430 feedback loop is
SOIC PowerPAD™ Package
internally compensated.
For SWIFT Documentation, Application Notes
The TPS5430 device is available in a thermally
and Design Software, See the TI Website at
enhanced, easy to use 8-pin SOIC PowerPAD™
www.ti.com/swift
package. TI provides evaluation modules and the
SWIFT™ Designer software tool to aid in quickly
achieving high-performance power supply designs to
meet aggressive equipment development cycles.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SWIFT, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS5430DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5430DDA TI1-TPS5430DDA Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5430DDA TI-TPS5430DDA Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430DDA TI1-TPS5430DDA Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
TPS5430DDAG4 TI-TPS5430DDAG4 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN CONVERTER
TPS5430DDAG4 TI1-TPS5430DDAG4 Datasheet
1Mb / 36P
[Old version datasheet]   3-A, Wide Input Range, Step-Down Converter
More results

Similar Description - TPS5430DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54339 TI-TPS54339 Datasheet
1,002Kb / 21P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT Converter
TPS54339 TI-TPS54339_15 Datasheet
964Kb / 22P
[Old version datasheet]   4.5 V to 23 V Input, 3-A Synchronous Step-Down SWIFT??Converter
LMR33630-Q1 TI1-LMR33630-Q1_18 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
LMR33630-Q1 TI1-LMR33630-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
TPS54317 TI-TPS54317_15 Datasheet
812Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER
TPS50301-HT TI-TPS50301-HT Datasheet
609Kb / 28P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 3-A/6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54317 TI-TPS54317 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
LM61460 TI1-LM61460 Datasheet
87Kb / 6P
[Old version datasheet]   3-V to 36-V, 6-A, Low-Noise Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com