Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUB85N04-03 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SUB85N04-03
Description  N-Channel 40-V (D-S) 175C MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUB85N04-03 Datasheet(HTML) 5 Page - Vishay Siliconix

  SUB85N04-03 Datasheet HTML 1Page - Vishay Siliconix SUB85N04-03 Datasheet HTML 2Page - Vishay Siliconix SUB85N04-03 Datasheet HTML 3Page - Vishay Siliconix SUB85N04-03 Datasheet HTML 4Page - Vishay Siliconix SUB85N04-03 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUP/SUB85N04-03
Vishay Siliconix
New Product
Document Number: 71124
S-00654—Rev. B, 27-Mar-00
www.vishay.com
S FaxBack 408-970-5600
2-5
THERMAL RATINGS
0
20
40
60
80
100
0
25
50
75
100
125
150
175
Safe Operating Area
VDS – Drain-to-Source Voltage (V)
1000
10
0.1
1
10
100
Limited
by rDS(on)
0.1
100
TC = 25_C
Single Pulse
Maximum Avalanche and Drain Current
vs. Case Temperature
TC – Ambient Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
2
1
0.1
0.01
10–4
10–3
10–2
10–1
1
10
0.2
0.1
Duty Cycle = 0.5
1 ms
10 ms
100 ms
dc
10
ms
100
ms
Single Pulse
0.05
0.02
1


Similar Part No. - SUB85N04-03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUB85N04-04 VISHAY-SUB85N04-04 Datasheet
58Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. C, 05-Jul-04
SUB85N04-04-E3 VISHAY-SUB85N04-04-E3 Datasheet
58Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. C, 05-Jul-04
More results

Similar Description - SUB85N04-03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUB70N04-10 VISHAY-SUB70N04-10 Datasheet
55Kb / 5P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. D, 10-Dec-01
SUM110N04-03L VISHAY-SUM110N04-03L Datasheet
40Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. A, 25-Nov-02
SUP85N04-04 VISHAY-SUP85N04-04 Datasheet
58Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. C, 05-Jul-04
SUM110N04-2M7H VISHAY-SUM110N04-2M7H Datasheet
179Kb / 3P
   N-Channel 40-V (D-S) 175C MOSFET
09-Jun-04
SUD50N04-06H VISHAY-SUD50N04-06H Datasheet
61Kb / 5P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. B, 15-Nov-04
SUD30N04-10 VISHAY-SUD30N04-10 Datasheet
66Kb / 4P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. D, 18-Aug-03
SUD25N04-25 VISHAY-SUD25N04-25 Datasheet
42Kb / 4P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. B, 27-Aug-01
SUD40N04-10A VISHAY-SUD40N04-10A Datasheet
50Kb / 4P
   N-Channel 40-V (D-S), 175C MOSFET
Rev. A, 26-Mar-01
SUM70N04-07L VISHAY-SUM70N04-07L Datasheet
44Kb / 5P
   N-Channel 40-V (D-S) 175C MOSFET
Rev. A, 11-Aug-03
SUB65P04-15 VISHAY-SUB65P04-15 Datasheet
57Kb / 5P
   P-Channel 40-V (D-S) 175C MOSFET
Rev. A, 01-May-00
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com