Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7356D Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7356D
Description  Single Wire CAN Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356D Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7356D Datasheet HTML 1Page - ON Semiconductor NCV7356D Datasheet HTML 2Page - ON Semiconductor NCV7356D Datasheet HTML 3Page - ON Semiconductor NCV7356D Datasheet HTML 4Page - ON Semiconductor NCV7356D Datasheet HTML 5Page - ON Semiconductor NCV7356D Datasheet HTML 6Page - ON Semiconductor NCV7356D Datasheet HTML 7Page - ON Semiconductor NCV7356D Datasheet HTML 8Page - ON Semiconductor NCV7356D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCV7356
http://onsemi.com
4
RxD Output Pin
Logic data as sensed on the single wire CAN bus.
RxD Polarity
RxD = logic 1 on this pin indicates a bus recessive
state (low bus voltage)
RxD = logic 0 on this pin indicates a bus normal or
high voltage bus dominant state
RxD in Sleep Mode
RxD does not pass signals to the microprocessor while in
sleep mode until a valid wake−up bus voltage level is
received or the MODE0 and MODE 1 pins are not 0, 0
respectively. When the valid wake−up bus voltage signal
awakens the transceiver, the RxD pin signals an interrupt
(logic 0). If there is no mode change within 250 ms (typ),
the transceiver re−enters the sleep mode.
When not in sleep mode all valid bus signals will be sent
out on the RxD pin.
RxD will be placed in the undriven or off state when in
sleep mode.
RxD Typical Load
Resistance: 2.7 k
W
Capacitance: < 25 pF
Bus LOAD Pin
Resistor ground connection with internal open−on−loss−
of−ground protection
When the ECU experiences a loss of ground condition,
this pin is switched to a high impedance state.
The ground connection through this pin is not interrupted
in any transceiver operating mode including the sleep
mode. The ground connection only is interrupted when
there is a valid loss of ground condition.
This pin provides the bus load resistor with a path to
ground which contributes less than 0.1 V to the bus offset
voltage when sinking the maximum current through one
load resistor.
The
transceiver’s maximum bus leakage current
contribution to Vol from the LOAD pin when in a loss of
ground state is 50
mA over all operating temperatures and
3.5 < VBAT < 27 V.
VBAT Input Pin (Vehicle Battery Voltage)
The transceiver is fully operational as described in the
Electrical Characteristics Table over the range 6.0 V <
VBAT < 18 V as measured between the GND pin and the
VBAT pin.
For 5.0 V < VBat < 6.0 V the bus operates in normal mode
with reduced dominant output voltage and reduced
receiver input voltage. High voltage wakeup is not possible
(dominant output voltage is the same as in normal or
high−speed mode).
The transceiver operates in normal mode when 18 V >
VBat > 27 V at 85°C for one minute.
For 0 < VBAT < 4.0 V, the bus is passive (not driven
dominant) and RxD is undriven (high), regardless of the
state of the TxD pin (undervoltage lockout).
CAN BUS Input/Output Pin
Wave Shaping in Normal and High Voltage Wake−Up
Mode
Wave shaping is incorporated into the transmitter to
minimize
EMI
radiated
emissions.
An
important
contributor to emissions is the rise and fall times during
output transitions at the “corners” of the voltage waveform.
The resultant waveform is one half of a sin wave of
frequency 50−65 kHz at the rising waveform edge and one
quarter of this sin wave at falling or trailing edge.
Wave Shaping in High−Speed Mode
Wave shaping control of the rising and falling waveform
edges are disabled during high−speed mode. EMI
emissions requirements are waived during this mode. The
waveform rise time in this mode is less than 1.0
ms.
Short Circuits
If the CAN BUS pin is shorted to ground for any duration
of time, the current is limited as specified in the Electrical
Characteristics Table until an overtemperature shutdown
circuit disables the output high side drive source transistor
preventing damage to the IC.
Loss of Ground
In case of a valid loss of ground condition, the LOAD pin
is switched into high impedance state. The CANH
transmission is continued until the undervoltage lock out
voltage threshold is detected.
Loss of Battery
In case of loss of battery (VBAT = 0 or open) the
transceiver does not disturb bus communication. The
maximum reverse current into the power supply system
(VBAT) doesn’t exceed 500
mA.
INH Pin
The INH pin is a high−voltage highside switch used to
control the ECU’s regulated microcontroller power supply.
After power−on, the transceiver automatically enters an
intermediate standby mode, the INH output will go high
(up to VBAT) turning on the external voltage regulator. The
external regulator provides power to the ECU. If there is no
mode change within 250 ms (typ), the transceiver re−enters
the sleep mode and the INH output goes to logic 0
(floating).
When the transceiver has detected a valid wake−up
condition (bus HVWU traffic which exceeds the wake−up
filter time delay) the INH output will become high (up to
VBAT) again and the same procedure starts as described
after power−on. In case of a mode change into any active
mode, the sleep timer is stopped and INH stays high (up to
VBAT). If the transceiver enters the sleep mode, INH goes
to logic 0 (floating) after 250 ms (typ) when no wake−up
signal is present


Similar Part No. - NCV7356D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356D1G ONSEMI-NCV7356D1G Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
NCV7356D1G ONSEMI-NCV7356D1G Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
NCV7356D1G ONSEMI-NCV7356D1G Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
NCV7356D1G ONSEMI-NCV7356D1G Datasheet
206Kb / 24P
   Single Wire CAN Transceiver
September, 2016 ??Rev. 12
NCV7356D1G ONSEMI-NCV7356D1G Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
More results

Similar Description - NCV7356D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_07 Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com