Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7261 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU7261
Description  C-MOS STEP-UP SWITCHING REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7261 Datasheet(HTML) 5 Page - New Japan Radio

  NJU7261 Datasheet HTML 1Page - New Japan Radio NJU7261 Datasheet HTML 2Page - New Japan Radio NJU7261 Datasheet HTML 3Page - New Japan Radio NJU7261 Datasheet HTML 4Page - New Japan Radio NJU7261 Datasheet HTML 5Page - New Japan Radio NJU7261 Datasheet HTML 6Page - New Japan Radio NJU7261 Datasheet HTML 7Page - New Japan Radio NJU7261 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NJU7261 Series
- 5 -
Ver.2003-07-18
■ MEASUREMENT CIRCUIT 1
(1)
External Diode Type : "D1NS4" provided by SHINDENGEN
(IF = 1A, VF = 0.55V)
(2)
(3)
ISS = I1 + l2 x
2
OUT
V
V
Under the condition of V2 =VOUT + 1.0V


Similar Part No. - NJU7261

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7262 NJRC-NJU7262 Datasheet
129Kb / 6P
   C-MOS STEP-UP SWITCHING REGULATOR
NJU7262M30 NJRC-NJU7262M30 Datasheet
129Kb / 6P
   C-MOS STEP-UP SWITCHING REGULATOR
NJU7262M50 NJRC-NJU7262M50 Datasheet
129Kb / 6P
   C-MOS STEP-UP SWITCHING REGULATOR
NJU7262MXX NJRC-NJU7262MXX Datasheet
129Kb / 6P
   C-MOS STEP-UP SWITCHING REGULATOR
NJU7262R30 NJRC-NJU7262R30 Datasheet
129Kb / 6P
   C-MOS STEP-UP SWITCHING REGULATOR
More results

Similar Description - NJU7261

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7262 NJRC-NJU7262 Datasheet
129Kb / 6P
   C-MOS STEP-UP SWITCHING REGULATOR
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
   STEP-UP SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX4193 MAXIM-MAX4193 Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
logo
Linear Technology
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
logo
Rohm
BD81870EFV-M ROHM-BD81870EFV-M Datasheet
2Mb / 36P
   Step-up / Inverted 2ch Switching Regulator
logo
Linear Technology
LT3436 LINER-LT3436 Datasheet
180Kb / 16P
   3A, 800kHz Step-Up Switching Regulator
LT1961 LINER-LT1961 Datasheet
159Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
logo
Maxim Integrated Produc...
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
logo
Linear Technology
LT3436 LINER-LT3436_15 Datasheet
186Kb / 16P
   3A, 800kHz Step-Up Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com