Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF18030BR3 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MRF18030BR3
Description  THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF18030BR3 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF18030BR3 Datasheet HTML 1Page - Motorola, Inc MRF18030BR3 Datasheet HTML 2Page - Motorola, Inc MRF18030BR3 Datasheet HTML 3Page - Motorola, Inc MRF18030BR3 Datasheet HTML 4Page - Motorola, Inc MRF18030BR3 Datasheet HTML 5Page - Motorola, Inc MRF18030BR3 Datasheet HTML 6Page - Motorola, Inc MRF18030BR3 Datasheet HTML 7Page - Motorola, Inc MRF18030BR3 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MRF18030BR3 MRF18030BSR3
4
MOTOROLA RF DEVICE DATA
Figure 3. Wideband Gain and IRL at 30 W and
15 W Output Power
Figure 4. Output Power versus Frequency
Figure 5. Power Gain versus Output Power
Figure 6. Power Gain versus Output Power
Figure 7. Power Gain versus Output Power
Figure 8. Power Gain and Efficiency versus
Output Power
10
1850
-30
IRL @ 30 W
Gps @ 15 W
VDD = 26 Vdc
IDQ = 250 mA
T = 25_C
f, FREQUENCY (MHz)
Gps @ 30 W
IRL @ 15 W
11
-25
12
-20
13
-15
14
-10
15
-5
16
0
1900
1950
2000
2050
f, FREQUENCY (MHz)
2020
0
40
1880
Pin = 2 W
VDD = 26 Vdc
IDQ = 250 mA
T = 25_C
1 W
0.5 W
0.25 W
5
10
15
20
25
30
35
1900
1920
1940
1960
1980
2000
100
16
0.1
Pout, OUTPUT POWER (WATTS)
IDQ = 400 mA
300 mA
VDD = 26 Vdc
f = 1960 MHz
T = 25_C
200 mA
100 mA
15
14
13
12
11
10
110
85_C
100
15
0.1
T = 25_C
VDD = 26 Vdc
IDQ = 250 mA
f = 1960 MHz
Pout, OUTPUT POWER (WATTS)
55_C
14
13
12
11
10
9
110
0
100
16
0.1
Gps
h
VDD = 26 Vdc
IDQ = 250 mA
f = 1960 MHz
T = 25_C
Pout, OUTPUT POWER (WATTS)
15
14
13
12
11
10
50
40
30
20
10
60
110
100
15
VDD = 22 V
24 V
IDQ = 250 mA
f = 1960 MHz
T = 25_C
Pout, OUTPUT POWER (WATTS)
28 V
30 V
30 V
14
13
12
11
10
110
26 V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF19030LR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030LR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9060MR1 The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21130 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21100LR3 The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF1517T1 The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn