Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF18030BR3 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRF18030BR3
Description  THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF18030BR3 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF18030BR3 Datasheet HTML 1Page - Motorola, Inc MRF18030BR3 Datasheet HTML 2Page - Motorola, Inc MRF18030BR3 Datasheet HTML 3Page - Motorola, Inc MRF18030BR3 Datasheet HTML 4Page - Motorola, Inc MRF18030BR3 Datasheet HTML 5Page - Motorola, Inc MRF18030BR3 Datasheet HTML 6Page - Motorola, Inc MRF18030BR3 Datasheet HTML 7Page - Motorola, Inc MRF18030BR3 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
MRF18030BR3 MRF18030BSR3
MOTOROLA RF DEVICE DATA
C1
1.8 pF, 100B Chip Capacitor
C2
0.8 pF, 100B Chip Capacitor
C3
0.8 pF, 100B Chip Capacitor
C4, C5
1.2 pF, 100B Chip Capacitors
C6, C7, C8
8.2 pF, 100B Chip Capacitors
C9
220
mF, 63 V Electrolytic Capacitor
R1
1.0 k
Ω, 1/8 W Chip Resistor (0805)
R2, R3
10 k
Ω, 1/8 W Chip Resistors (0805)
Z1
0.496
″ x 0.087″ Microstrip
Z2
1.022
″ x 0.087″ Microstrip
Z3
0.257
″ x 0.633″ Microstrip
Z4
0.189
″ x 0.394″ Microstrip
Z5
0.335
″ x 0.394″ Microstrip
Z6
0.616
″ x 0.087″ Microstrip
Z7
0.845
″ x 0.087″ Microstrip
Z8
0.366
″ x 0.087″ Microstrip
Z9
≈0.500″ x 0.087″ Microstrip
Figure 1. 1930 – 1990 MHz Test Fixture Schematic
Figure 2. 1930 – 1990 MHz Test Fixture Component Layout
RF
INPUT
RF
OUTPUT
Z1
VGG
C2
C6
Z3
DUT
VDD
Z4
Z5
C1
Z7
R2
C7
R1
C9
C8
+
Z2
R3
Z9
Z8
C3
C5
C4
Z6
VBIAS
Ground
Ground
VSUPPLY
R2
MRF18030B
(bias)
(supply)
R3
C7
R1
C2
C1
C8
C4
C5
C3
C6
C9


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF19030LR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030LR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9060MR1 The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21130 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21100LR3 The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF1517T1 The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn