Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC68QH302 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC68QH302
Description  Quad HDLC Integrated Multiprotocol Processor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC68QH302 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
MC68QH302 Technical Summary
MOTOROLA
1.2 MC68QH302 Ordering Information
Table 1 identifies operating frequencies available for the MC68QH302.
The documents listed in Table 2 contain detailed information on the MC68QH302. These documents can be
obtained from the Literature Distribution Centers at the addresses listed on the back page. Visit the website
at http://www.mot.com/netcomm/ for more information.
Table 1. MC68QH302 Package/Frequency Availability
Package Type
Operating
Voltage
Frequency
(MHz)
Temperature
Order Number
144-pin thin quad flat pack
(PV suffix)
5 V
16.67
0
° C to 70° C
MC68QH302PV16
20
MC68QH302PV20
25
MC68QH302PV25
Table 2. Documentation
Document Title
Order Number
Contents
MC68302 User’s Manual
MC68302UM/AD
Detailed information for design
M68000 Family Programmer's Reference
Manual
M68000PM/AD
M68000 family instruction set
The 68K Source
BR729/D
Independent vendor listing supporting
software and development tools
The MC68QH302 Supplement to
MC68302 User’s Manual
MC68QH302SUPL/AD
Highlights implementation-specific
features of the MC68QH302, and
discusses how they differ from the
MC68302.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn