Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT59920A-2SO Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT59920A-2SO
Description  LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT59920A-2SO Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT59920A-2SO Datasheet HTML 1Page - Integrated Device Technology IDT59920A-2SO Datasheet HTML 2Page - Integrated Device Technology IDT59920A-2SO Datasheet HTML 3Page - Integrated Device Technology IDT59920A-2SO Datasheet HTML 4Page - Integrated Device Technology IDT59920A-2SO Datasheet HTML 5Page - Integrated Device Technology IDT59920A-2SO Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT59920A
LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
SEPTEMBER 2001
2001
Integrated Device Technology, Inc.
DSC 5846/2
c
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Eight zero delay outputs
• Selectable positive or negative edge synchronization
• Synchronous output enable
• Output frequency: 15MHz to 100MHz
• CMOS outputs
• 3 skew grades:
IDT59920A-2: tSKEW0<250ps
IDT59920A-5: tSKEW0<500ps
IDT59920A-7: tSKEW0<750ps
• 3-level inputs for PLL range control
• PLL bypass for DC testing
• External feedback, internal loop filter
• 46mA IOL high drive outputs
• Low Jitter: <200ps peak-to-peak
• Outputs drive 50
Ω terminated lines
• Pin-compatible with Cypress CY7B9920
• Available in SOIC package
FUNCTIONAL BLOCK DIAGRAM
G ND/sOE
Q0
Q1
REF
FS
PLL
FB
VDDQ/PE
Q2
Q3
Q4
Q5
Q6
Q7
IDT59920A
LOW SKEW
PLL CLOCK DRIVER
TURBOCLOCK™ JR.
DESCRIPTION:
The IDT59920A is a high fanout phase lock loop clock driver in-
tended for high performance computing and data-communications appli-
cations. The IDT59920A has CMOS outputs.
The IDT59920A maintains Cypress CY7B9920 compatibility while
providing two additional features: Synchronous Output Enable (GND/
sOE), and Positive/Negative Edge Synchronization (VDDQ/PE). When
the GND/sOE pin is held low, all outputs are synchronously enabled
(CY7B9920 compatibility). However, if GND/sOE is held high, all out-
puts except Q2 and Q3 are synchronously disabled.
Furthermore, when the VDDQ/PE is held high, all outputs are synchro-
nized with the positive edge of the REF clock input (CY7B9920 compat-
ibility). When VDDQ/PE is held low, all outputs are synchronized with the
negative edge of REF.
The FB signal is compared with the input REF signal at the phase
detector in order to drive the VCO. Phase differences cause the VCO of
the PLL to adjust upwards or downwards accordingly.
An internal loop filter moderates the response of the VCO to the
phase detector. The loop filter transfer function has been chosen to
provide minimal jitter (or frequency variation) while still providing accu-
rate responses to input frequency changes.


Similar Part No. - IDT59920A-2SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5992-5JI IDT-IDT5992-5JI Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992-7JI IDT-IDT5992-7JI Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992A-2J IDT-IDT5992A-2J Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992A-2JI IDT-IDT5992A-2JI Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
More results

Similar Description - IDT59920A-2SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT59910A IDT-IDT59910A Datasheet
52Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com